Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS31PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS31PW
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS31PW Datasheet(HTML) 5 Page - Texas Instruments

  SN75LVDS31PW Datasheet HTML 1Page - Texas Instruments SN75LVDS31PW Datasheet HTML 2Page - Texas Instruments SN75LVDS31PW Datasheet HTML 3Page - Texas Instruments SN75LVDS31PW Datasheet HTML 4Page - Texas Instruments SN75LVDS31PW Datasheet HTML 5Page - Texas Instruments SN75LVDS31PW Datasheet HTML 6Page - Texas Instruments SN75LVDS31PW Datasheet HTML 7Page - Texas Instruments SN75LVDS31PW Datasheet HTML 8Page - Texas Instruments SN75LVDS31PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN75LVDS31, SN75LVDS9638
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS359C – JUNE 1999 – REVISED JUNE 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN75LVDS31,
SN75LVDS9638
UNIT
MIN
TYP†
MAX
VOD
Differential output voltage magnitude
247
340
454
mV
∆VOD
Change in differential output voltage magnitude
between logic states
RL = 100 Ω,
See Figure 2
–50
50
mV
∆VOC(SS)
Change in steady-state common-mode output voltage
between logic states
SFi
3
1.125
1.2
1.375
V
VOC(SS)
Steady-state common-mode output voltage
See Figure 3
–50
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
VI = 0.8 V or 2 V,
No load
Enabled,
9
20
mA
ICC
Supply current
SN75LVDS31
VI = 0.8 or 2 V,
Enabled
RL = 100 Ω,
25
35
mA
ICC
Su
ly current
VI = 0 or VCC,
Disabled
0.25
1
mA
SN75LVDS9638
VI =08Vor2V
No load
4.7
8
mA
SN75LVDS9638
VI = 0.8 V or 2 V
RL = 100 Ω
9
13
mA
IIH
High-level input current
VIH = 2
4
20
µA
IIL
Low-level input current
VIL = 0.8 V
0.1
10
µA
IOS
Short circuit output current
VO(Y) or VO(Z) = 0
–4
–24
mA
IOS
Short-circuit output current
VOD = 0
±12
mA
IOZ
High-impedance output current
VO = 0 or 2.4 V
±1
µA
IO(OFF)
Power-off output current
VCC = 0,
VO = 2.4 V
±1
µA
CI
Input capacitance
3
pF
† All typical values are at TA = 25°C and with VCC = 3.3 V.
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN75LVDS31,
SN75LVDS9638
UNIT
MIN
TYP†
MAX
tpLH
Propagation delay time, low-to-high-level output
6
ns
tpHL
Propagation delay time, high-to-low-level output
6
ns
tr
Differential output signal rise time (20% to 80%)
R
100
C10 F
0.5
1.2
ns
tf
Differential output signal fall time (80% to 20%)
RL = 100 Ω,
CL = 10 pF,
See Figure 2
0.5
1.2
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)‡
See Figure 2
0.6
ns
tsk(o)
Channel-to-channel output skew§
0.6
ns
tsk(pp)
Part-to-part skew¶
1
ps
tpZH
Propagation delay time, high-impedance-to-high-level output
25
ns
tpZL
Propagation delay time, high-impedance-to-low-level output
See Figure 4
25
ns
tpHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 4
25
ns
tpLZ
Propagation delay time, low-level-to-high-impedance output
25
ns
† All typical values are at TA = 25°C and with VCC = 3.3 V.
‡ tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
§ tsk(o) is the magnitude of the time difference between the outputs of a single device with all of their inputs connected together.
¶ tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate
with the same supply voltages, same temperature, and have identical packages and test circuits.


Similar Part No. - SN75LVDS31PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS31 TI-SN75LVDS31 Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31D TI-SN75LVDS31D Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS31PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com