Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75176BDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75176BDR
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176BDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75176BDR Datasheet HTML 3Page - Texas Instruments SN75176BDR Datasheet HTML 4Page - Texas Instruments SN75176BDR Datasheet HTML 5Page - Texas Instruments SN75176BDR Datasheet HTML 6Page - Texas Instruments SN75176BDR Datasheet HTML 7Page - Texas Instruments SN75176BDR Datasheet HTML 8Page - Texas Instruments SN75176BDR Datasheet HTML 9Page - Texas Instruments SN75176BDR Datasheet HTML 10Page - Texas Instruments SN75176BDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN65176B, SN75176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS101D – JULY 1985 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
VID = 0 to 3 V See Figure 6
21
35
ns
tPHL
Propagation delay time, high- to low-level output
VID = 0 to 3 V, See Figure 6
23
35
ns
tPZH
Output enable time to high level
See Figure 7
10
20
ns
tPZL
Output enable time to low level
See Figure 7
12
20
ns
tPHZ
Output disable time from high level
See Figure 7
20
35
ns
tPLZ
Output disable time from low level
See Figure 7
17
25
ns
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver VOD and VOC
2
RL
VOD2
VOC
2
RL
Figure 2. Receiver VOH and VOL
VID
VOL
VOH
–IOH
+IOL
3 V
VOLTAGE WAVEFORMS
tt(OD)
td(OD)
1.5 V
10%
tt(OD)
≈2.5 V
≈–2.5 V
90%
50%
Output
td(OD)
0 V
3 V
1.5 V
Input
TEST CIRCUIT
Output
CL = 50 pF
(see Note A)
50
RL = 54 Ω
Generator
(see Note B)
50%
10%
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
Figure 3. Driver Test Circuit and Voltage Waveforms


Similar Part No. - SN75176BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75176BDR TI-SN75176BDR Datasheet
346Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75176BDR TI-SN75176BDR Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Texas Instruments
SN75176BDRE4 TI-SN75176BDRE4 Datasheet
346Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75176BDRE4 TI-SN75176BDRE4 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75176BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com