Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3618 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3618
Description  Multiple voltage regulator with switch and ignition buffers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3618 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3618 Datasheet HTML 2Page - NXP Semiconductors TDA3618 Datasheet HTML 3Page - NXP Semiconductors TDA3618 Datasheet HTML 4Page - NXP Semiconductors TDA3618 Datasheet HTML 5Page - NXP Semiconductors TDA3618 Datasheet HTML 6Page - NXP Semiconductors TDA3618 Datasheet HTML 7Page - NXP Semiconductors TDA3618 Datasheet HTML 8Page - NXP Semiconductors TDA3618 Datasheet HTML 9Page - NXP Semiconductors TDA3618 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1999 Sep 01
6
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch and
ignition buffers
TDA3618JR
FUNCTIONAL DESCRIPTION
The TDA3618JR is a multiple output voltage regulator with
a power switch, intended for use in car radios with or
without a microcontroller. Because of the low-voltage
operation of the car radio, low-voltage drop regulators are
used in the TDA3618JR.
Regulator 2 switches on when the backup voltage
exceeds 6.5 V for the first time and switches off again
when the output voltage of regulator 2 falls below 1.9 V
(this is far below an engine start). When regulator 2 is
switched on and its output voltage is within its voltage
range, the reset output is enabled (RES goes HIGH
through a pull-up resistor) to generate a reset to the
microcontroller. The reset cycles can be extended by an
external capacitor at pin 13. This start-up feature is
included to secure a smooth start-up of the microcontroller
at first connection, without uncontrolled switching of
regulator 2 during the start-up sequence.
The charge of the backup capacitor can be used to supply
regulator 2 for a short period when the supply drops to 0 V
(the time depends on the value of the storage capacitor).
The output stages (regulators 1 and 3) of this regulator
have an extremely low noise behaviour and good stability.
Regulators 1 and 3 are stabilized by using small output
capacitors.
When both regulator 2 and the supply voltage (VP > 4.5 V)
are available, regulators 1 and 3 can be operated by
means of enable inputs (pins 10 and 4 respectively).
The HOLD output pin is normally HIGH and is active LOW.
The HOLD output pin is connected to an open collector
NPN transistor and must have an external pull-up resistor
to operate. The HOLD output is controlled by a LOW
detection circuit which, when activated, pulls the warning
output LOW (enabled). The hold outputs of the regulators
are connected to an OR gate inside the IC such that the
hold is activated (goes LOW) when the regulator voltages
of regulator 1 and/or regulator 3 are out of regulation for
any reason. Each regulator enable input controls its own
hold circuit, such that if a regulator is disabled or switched
off, the hold circuit for that regulator is disabled.
The hold is also controlled by the temperature and load
dump protection. Activating the temperature or load dump
protection causes a hold (LOW) during the time the
protection is activated. When all regulators are switched
off, the HOLD output is controlled by the battery line
(pin 1), temperature protection and load dump protection.
The hold is enabled (LOW) at low battery voltages. This
indicates that it is not possible to get regulator 1 into
regulation when switching it on. The hold function includes
hysteresis to avoid oscillations when the regulator voltage
crosses the hold threshold. The HOLD output becomes
also active (LOW) when the switch is in foldback protection
mode, see Fig.4 for a timing diagram. The block diagram
is given in Fig.3.
The power switch can also be controlled by means of a
separate enable input (pin 11).
All output pins are fully protected. The regulators are
protected against load dump (regulators 1 and 3 switch off
at supply voltages >18 V) and short circuit (foldback
current protection).
The switch contains a current protection. However, this
protection is delayed at short circuit by the reset delay
capacitor. During this time, the output current is limited to
a peak value of at least 3 and 2 A continuous (VP ≤ 18 V).
In the normal situation, the voltage on the reset delay
capacitor is about 3.5 V (depending on the temperature).
The switch output is about VP − 0.4 V. At operational
temperature, the switch can deliver at least 3 A. At high
temperature, the switch can deliver about 2 A. During an
overload condition or short circuit (VSW <VP − 3.7 V), the
voltage on the reset delay capacitor rises 0.6 V above the
voltage of regulator 2. This rise time depends on the
capacitor connected on the CRES (pin 13). During this time,
the switch can deliver more than 3 A. The charge current
of the reset delay capacitor is typically 4
µA and the
voltage swing about 1.5 V. When regulator 2 is out of
regulation and generates a reset, the switch can only
deliver 2 A and will go in the foldback protection without
delay. At supply voltages >17 V, the switch is clamped at
16 V maximum (to avoid externally connected circuits
being damaged by an overvoltage) and the switch will
switch off at load dump.
Interfacing with the microcontroller (simple full/semi on/off
logic applications) can be realized with two independent
ignition Schmitt triggers and ignition output buffers (one
open collector and one push-pull output). Ignition 1 output
is inverted.
The total timing diagrams are shown in Figs 4 and 5.


Similar Part No. - TDA3618

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
More results

Similar Description - TDA3618

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com