Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2525 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SP2525
Description  Low ESR Cap. & Low Power High-speed CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP2525 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SP2525 Datasheet HTML 1Page - SYNC POWER Crop. SP2525 Datasheet HTML 2Page - SYNC POWER Crop. SP2525 Datasheet HTML 3Page - SYNC POWER Crop. SP2525 Datasheet HTML 4Page - SYNC POWER Crop. SP2525 Datasheet HTML 5Page - SYNC POWER Crop. SP2525 Datasheet HTML 6Page - SYNC POWER Crop. SP2525 Datasheet HTML 7Page - SYNC POWER Crop. SP2525 Datasheet HTML 8Page - SYNC POWER Crop. SP2525 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2006/08/11
Ver.1
Page 3
SP2525
Low ESR Cap. & Low Power High-speed CMOS LDO
BLOCK DIAGRAM
TEST CIRCUIT
Circuit 1 :
Circuit 2 :
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
7
VIN
Output Current
IOUT
500
IOUT
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
VOUT
SOT-23-3L
120
Thermal Resistance
ӨJA
SOT-353
105
/W
SOT-23-3L
1250
Power Dissipation
PD
SOT-353
950
mW
Operation Junction Temperature Range
TJ
-40 ~ +85
TJ
Storage Temperature Range
TSTG
-55 ~ +125
TSTG


Similar Part No. - SP2525

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-1EN SIPEX-SP2525-1EN Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-1EN/TR SIPEX-SP2525-1EN/TR Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-2EN SIPEX-SP2525-2EN Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-2EN/TR SIPEX-SP2525-2EN/TR Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
More results

Similar Description - SP2525

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST6205 STANSON-ST6205 Datasheet
296Kb / 8P
   Low ESR Low Power High-Speed CMOS LDO
logo
SYNC POWER Crop.
SP2524 SYNC-POWER-SP2524 Datasheet
432Kb / 10P
   Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com