Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3666 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA3666
Description  Very low dropout voltage/quiescent current 10 V voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3666 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA3666 Datasheet HTML 6Page - NXP Semiconductors TDA3666 Datasheet HTML 7Page - NXP Semiconductors TDA3666 Datasheet HTML 8Page - NXP Semiconductors TDA3666 Datasheet HTML 9Page - NXP Semiconductors TDA3666 Datasheet HTML 10Page - NXP Semiconductors TDA3666 Datasheet HTML 11Page - NXP Semiconductors TDA3666 Datasheet HTML 12Page - NXP Semiconductors TDA3666 Datasheet HTML 13Page - NXP Semiconductors TDA3666 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2000 Apr 26
10
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
10 V voltage regulator
TDA3666
handbook, halfpage
5
1.4
1.6
1.8
2
10
15
VP (V)
Iq
(mA)
25
20
MDA950
Fig.12 Quiescent current as a function of the
supply voltage.
IREG = 50 mA.
handbook, halfpage
0
20
100
4
3
1
0
2
40
60
IREG (mA)
Iq
(mA)
80
MDA952
Fig.13 Quiescent current as a function of the
output current.
handbook, halfpage
−50
200
10.10
9.95
10.00
10.05
050
Tj (°C)
VREG
(V)
100
150
MGU152
Fig.14 Output voltage as a function of the junction
temperature.
IREG = 0 mA.
handbook, halfpage
−50
200
12
0
3
9
6
050
Tj (°C)
VREG
(V)
100
150
MGU153
Fig.15 Output voltage thermal protection as a
function of the junction temperature.
IREG = 0 mA.


Similar Part No. - TDA3666

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661AT PHILIPS-TDA3661AT Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661T PHILIPS-TDA3661T Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3662AT PHILIPS-TDA3662AT Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
More results

Similar Description - TDA3666

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3676 PHILIPS-TDA3676 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 10 V voltage regulator with enable
2000 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com