Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6013AS8TG Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SP6013AS8TG
Description  Synchronous Rectifier Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6013AS8TG Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SP6013AS8TG Datasheet HTML 1Page - SYNC POWER Crop. SP6013AS8TG Datasheet HTML 2Page - SYNC POWER Crop. SP6013AS8TG Datasheet HTML 3Page - SYNC POWER Crop. SP6013AS8TG Datasheet HTML 4Page - SYNC POWER Crop. SP6013AS8TG Datasheet HTML 5Page - SYNC POWER Crop. SP6013AS8TG Datasheet HTML 6Page - SYNC POWER Crop. SP6013AS8TG Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007/07/10
Ver.2
Page 3
SP6013A
Synchronous Rectifier Driver
BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Package
Part Marking
SP6013AS8RG
SOP-8
SP6013AI
SP6013AS8TG
SOP-8
SP6013AI
SP6013AS8RG : 7” Tape Reel ; Pb – Free
SP6013AS8TG : Tube ; Pb – Free
ABSOULTE MAXIMUM RATINGS (TA=25 , unless otherwise specified.)
The following ratings designate persistent limits beyond which damage to the device may occur
.
Symbol
Parameter
Value
Unit
Vdd
DC Supply Voltage
17
V
SYNC
SYNC Voltage
7
V
IOUT
Peak Source Current (Pulsed)
3
A
Peak Sink Current (Pulsed)
3
A
PD
Power Dissipation @ TA=85
(*)
0.25
W
TJ
Operating Junction Temperature Range
-40 to125
TSTG
Storage Temperature Range
-40 to 150
TLEAD
Lead Soldering Temperature for 5 sec.
260


Similar Part No. - SP6013AS8TG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6013AS8TG SYNC-POWER-SP6013AS8TG Datasheet
161Kb / 7P
   Synchronous Rectifier Driver
SP6013AS8TGB SYNC-POWER-SP6013AS8TGB Datasheet
161Kb / 7P
   Synchronous Rectifier Driver
More results

Similar Description - SP6013AS8TG

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1176 IRF-IR1176 Datasheet
417Kb / 12P
   SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6018E SYNC-POWER-SP6018E Datasheet
236Kb / 7P
   Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A_12 Datasheet
125Kb / 7P
   Synchronous Rectifier Driver
SP6016E SYNC-POWER-SP6016E Datasheet
727Kb / 8P
   Synchronous Rectifier Driver
SP6019D SYNC-POWER-SP6019D Datasheet
358Kb / 8P
   Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A Datasheet
196Kb / 7P
   Synchronous Rectifier Driver
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A_12 Datasheet
161Kb / 7P
   Synchronous Rectifier Driver
SP6019 SYNC-POWER-SP6019_13 Datasheet
133Kb / 7P
   Synchronous Rectifier Driver
logo
Advanced Power Electron...
APE6019 A-POWER-APE6019 Datasheet
209Kb / 6P
   SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6003 SYNC-POWER-SP6003 Datasheet
192Kb / 7P
   Synchronous Rectifier Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com