Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPE0535 Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPE0535
Description  5-Line ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0535 Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPE0535 Datasheet HTML 1Page - SYNC POWER Crop. SPE0535 Datasheet HTML 2Page - SYNC POWER Crop. SPE0535 Datasheet HTML 3Page - SYNC POWER Crop. SPE0535 Datasheet HTML 4Page - SYNC POWER Crop. SPE0535 Datasheet HTML 5Page - SYNC POWER Crop. SPE0535 Datasheet HTML 6Page - SYNC POWER Crop. SPE0535 Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007/06/01
Ver.1
Page 1
SPE0535
5-Line ESD Protection Array
DESCRIPTION
APPLICATIONS
The SPE0535 are designed by TVS array that is to protect
sensitive electronics from damage or latch-up due to ESD.
They are designed for use in applications where board
space is at a premium. SPE0535 will protect up to five
lines, and may be used on lines where the signal polarities
swing above and below ground.
SPE0535 offer desirable characteristics for board level
protection including fast response time, low operating and
clamping voltage, and no device degradation.
SPE0535 may be used to meet the immunity requirements
of IEC 61000-4-2, level 4. The small SOT-363 package
makes them ideal for use in portable electronics such as
cell phones, PDA’s, notebook computers, and digital
cameras.
Cellular Handsets and Accessories
Cordless Phone
PDA
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
MP3 Player
FEATURES
PIN CONFIGURATION ( SOT-363 / SC-70-6L )
PART MARKING
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Protects five I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages


Similar Part No. - SPE0535

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0535S36RG SYNC-POWER-SPE0535S36RG Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535_09 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
More results

Similar Description - SPE0535

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225 Datasheet
229Kb / 7P
   5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515 Datasheet
222Kb / 7P
   5-Line ESD Protection Array
SPE0506 SYNC-POWER-SPE0506_10 Datasheet
189Kb / 7P
   5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515_10 Datasheet
192Kb / 7P
   5-Line ESD Protection Array
SPE0505 SYNC-POWER-SPE0505 Datasheet
221Kb / 7P
   5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225_10 Datasheet
199Kb / 7P
   5-Line ESD Protection Array
SPE0523 SYNC-POWER-SPE0523_10 Datasheet
196Kb / 7P
   5-Line ESD Protection Array
SPE0523 SYNC-POWER-SPE0523 Datasheet
233Kb / 7P
   5-Line ESD Protection Array
SPE0506 SYNC-POWER-SPE0506 Datasheet
220Kb / 7P
   5-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com