Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN4426 Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPN4426
Description  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN4426 Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPN4426 Datasheet HTML 1Page - SYNC POWER Crop. SPN4426 Datasheet HTML 2Page - SYNC POWER Crop. SPN4426 Datasheet HTML 3Page - SYNC POWER Crop. SPN4426 Datasheet HTML 4Page - SYNC POWER Crop. SPN4426 Datasheet HTML 5Page - SYNC POWER Crop. SPN4426 Datasheet HTML 6Page - SYNC POWER Crop. SPN4426 Datasheet HTML 7Page - SYNC POWER Crop. SPN4426 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2006/10/30
Ver.1
Page 2
SPN4426
N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
S
Source
2
S
Source
3
S
Source
4
G
Gate
5
D
Drain
6
D
Drain
7
D
Drain
8
D
Drain
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPN4426S8RG
SOP- 8P
SPN4426
SPN4426S8TG
SOP- 8P
SPN4426
SPN4426S8RG : 13” Tape Reel ; Pb – Free
SPN4426S8TG : Tube ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate –Source Voltage
VGSS
±12
V
TA=25℃
7.4
Continuous Drain Current(TJ=150 )
TA=70℃
ID
6.0
A
Pulsed Drain Current
IDM
35
A
Continuous Source Current(Diode Conduction)
IS
2.3
A
TA=25℃
2.5
Power Dissipation
TA=70℃
PD
1.6
W
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
80
/W


Similar Part No. - SPN4426

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN4426S8RG SYNC-POWER-SPN4426S8RG Datasheet
214Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN4426S8RGB SYNC-POWER-SPN4426S8RGB Datasheet
214Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPN4426S8RGB VBSEMI-SPN4426S8RGB Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SYNC POWER Crop.
SPN4426 SYNC-POWER-SPN4426_11 Datasheet
214Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN4426

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com