Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3675AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA3675AT
Description  Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3675AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA3675AT Datasheet HTML 6Page - NXP Semiconductors TDA3675AT Datasheet HTML 7Page - NXP Semiconductors TDA3675AT Datasheet HTML 8Page - NXP Semiconductors TDA3675AT Datasheet HTML 9Page - NXP Semiconductors TDA3675AT Datasheet HTML 10Page - NXP Semiconductors TDA3675AT Datasheet HTML 11Page - NXP Semiconductors TDA3675AT Datasheet HTML 12Page - NXP Semiconductors TDA3675AT Datasheet HTML 13Page - NXP Semiconductors TDA3675AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2000 Feb 01
10
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current
8.5 V voltage regulator with enable
TDA3675
handbook, halfpage
040
IREG (mA)
VREG(drop)
(mV)
80
120
500
400
200
100
300
MDA957
Fig.15 Dropout voltage as a function of the output
current.
handbook, halfpage
0
10
6
8
4
2
0
100
VREG
(V)
IREG (mA)
200
300
MGL835
Fig.16 Fold back protection mode.
VP = 10 V with pulsed load.
handbook, halfpage
−70
−60
−50
−40
−30
MDA956
10
SVRR
(dB)
f (Hz)
102
103
104
105
(1)
(1)
(2)
(2)
(3)
(3)
Fig.17 SVRR as a function of the ripple frequency.
IREG = 10 mA; C2 = 10 µF.
(1) SVRR at RL = 100 Ω.
(2) SVRR at RL = 500 Ω.
(3) SVRR at RL =10kΩ.


Similar Part No. - TDA3675AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3672AT PHILIPS-TDA3672AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673AT PHILIPS-TDA3673AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673T PHILIPS-TDA3673T Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
More results

Similar Description - TDA3675AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3676 PHILIPS-TDA3676 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 10 V voltage regulator with enable
2000 Feb 01
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com