Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3843 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA3843
Description  Sound-IF circuit for TV AM-sound standard L and L?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3843 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA3843 Datasheet HTML 2Page - NXP Semiconductors TDA3843 Datasheet HTML 3Page - NXP Semiconductors TDA3843 Datasheet HTML 4Page - NXP Semiconductors TDA3843 Datasheet HTML 5Page - NXP Semiconductors TDA3843 Datasheet HTML 6Page - NXP Semiconductors TDA3843 Datasheet HTML 7Page - NXP Semiconductors TDA3843 Datasheet HTML 8Page - NXP Semiconductors TDA3843 Datasheet HTML 9Page - NXP Semiconductors TDA3843 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
March 1991
10
Philips Semiconductors
Product specification
Sound-IF circuit for TV AM-sound
standard L and L’
TDA3843
SOLDERING
Introduction
There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and
surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for
surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often
used.
This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is 260
°C; solder at this temperature must not be in contact with the
joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds.
The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may
be necessary immediately after soldering to keep the temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more
than 2 mm above it. If the temperature of the soldering iron bit is less than 300
°C it may remain in contact for up to
10 seconds. If the bit temperature is between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - TDA3843

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3845 PHILIPS-TDA3845 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3845T PHILIPS-TDA3845T Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3845T PHILIPS-TDA3845T Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
More results

Similar Description - TDA3843

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
logo
Siemens Semiconductor G...
TDA2148 SIEMENS-TDA2148 Datasheet
268Kb / 10P
   AM AMPLIFIER FOR FRENCH SOUND IF STANDARD
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
   TV SOUND IF
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
logo
Toshiba Semiconductor
TA8611AN TOSHIBA-TA8611AN Datasheet
462Kb / 11P
   VIDEO AND SOUND IF FOR TV SET
logo
NTE Electronics
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
logo
NEC
UPC1382C NEC-UPC1382C Datasheet
348Kb / 6P
   TV SOUND IF PORCESSOR AND ATTENUATOR
logo
NTE Electronics
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
logo
Samsung semiconductor
KA2101 SAMSUNG-KA2101 Datasheet
175Kb / 5P
   LINEAR INTEGRATED CIRCUIT(TV SOUND IF AMPLIFIER)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com