Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-12 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # EPR-12
Description  Engineering Prototype Report for EP-12 - 145 W PC Forward Converter with TOP247 and 10 W 5 V Output Standby Flyback with TNY266
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-12 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  EPR-12 Datasheet HTML 1Page - Power Integrations, Inc. EPR-12 Datasheet HTML 2Page - Power Integrations, Inc. EPR-12 Datasheet HTML 3Page - Power Integrations, Inc. EPR-12 Datasheet HTML 4Page - Power Integrations, Inc. EPR-12 Datasheet HTML 5Page - Power Integrations, Inc. EPR-12 Datasheet HTML 6Page - Power Integrations, Inc. EPR-12 Datasheet HTML 7Page - Power Integrations, Inc. EPR-12 Datasheet HTML 8Page - Power Integrations, Inc. EPR-12 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
EPR-12 – PC Forward Converter with Standby Flyback Power Supply
01-Feb-05
Page 4 of 40
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
The following engineering report gives the detailed description and test data for a
TOP247 forward converter designed for 145 W PC main applications and a TNY266
flyback for PC standby. The requirements listed below are typical of a PC power supply.
Figure 1 - EP-12 Populated Circuit Board.


Similar Part No. - EPR-12

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
   Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
More results

Similar Description - EPR-12

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-9 POWERINT-EPR-9 Datasheet
1Mb / 32P
   Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-21 POWERINT-EPR-21 Datasheet
1Mb / 32P
   Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
   Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
   Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
   Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com