Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-32 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # EPR-32
Description  Engineering Prototype Report for EP-32 TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-32 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  EPR-32 Datasheet HTML 1Page - Power Integrations, Inc. EPR-32 Datasheet HTML 2Page - Power Integrations, Inc. EPR-32 Datasheet HTML 3Page - Power Integrations, Inc. EPR-32 Datasheet HTML 4Page - Power Integrations, Inc. EPR-32 Datasheet HTML 5Page - Power Integrations, Inc. EPR-32 Datasheet HTML 6Page - Power Integrations, Inc. EPR-32 Datasheet HTML 7Page - Power Integrations, Inc. EPR-32 Datasheet HTML 8Page - Power Integrations, Inc. EPR-32 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
EPR-32 - 25 W Multiple Output TOP245P Supply
13-Jul-06
Page 4 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
100/115/230
265
VAC
2 Wire
(No Protective Earth Ground)
Frequency
fLINE
47
50/60
64
Hz
No-load Input Power
0.1
W
Measured at 265 VAC
Output
Output Voltage 1
VOUT1
3.20
3.30
3.45
V
±5%
Output Ripple Voltage 1
VRIPPLE1
50
mV
20 MHz Bandwidth
Output Current 1
IOUT1
0.30
0.60
2.0
A
Output Voltage 2
VOUT2
4.75
5.00
5.25
V
±5%
Output Ripple Voltage 2
VRIPPLE2
75
mV
20 MHz Bandwidth
Output Current 2
IOUT2
0.30
1.20
2.5
A
Output Voltage 3
VOUT3
11.16
12.00
12.84
V
±7%
Output Ripple Voltage 3
VRIPPLE3
100
mV
20 MHz Bandwidth
Output Current 3
IOUT3
100
200
500
mA
Output Voltage 4
VOUT4
-21.62
-24.00
-26.9
V
-10% / +12%
Output Ripple Voltage 4
VRIPPLE4
100
mV
20 MHz Bandwidth
Output Current 4
IOUT4
30
50
50
mA
Total Output Power
Continuous
POUT
4.4
20
W
Peak
POUT_PEAK
25
W
Efficiency
η
75
%
Measured at POUT (26 W), 25
oC
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet
IEC950/UL1950 Class II
Surge
2
3
kV
1.2 / 50
µs surge, IEC 1000-4-
5, Series Impedance:
Differential Mode: 2
Common Mode: 12
Ambient Temperature
TAMB
0
50
oC
Free convection, sea level
Table 1
– Power Supply Specification.


Similar Part No. - EPR-32

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
   Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
More results

Similar Description - EPR-32

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-000013 POWERINT-EPR-000013 Datasheet
1Mb / 56P
   Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
   Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com