Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3867T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3867T
Description  Quasi-split sound processor with two FM demodulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3867T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3867T Datasheet HTML 1Page - NXP Semiconductors TDA3867T Datasheet HTML 2Page - NXP Semiconductors TDA3867T Datasheet HTML 3Page - NXP Semiconductors TDA3867T Datasheet HTML 4Page - NXP Semiconductors TDA3867T Datasheet HTML 5Page - NXP Semiconductors TDA3867T Datasheet HTML 6Page - NXP Semiconductors TDA3867T Datasheet HTML 7Page - NXP Semiconductors TDA3867T Datasheet HTML 8Page - NXP Semiconductors TDA3867T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
January 1992
4
Philips Semiconductors
Preliminary specification
Quasi-split sound processor with two FM demodulators
TDA3867T
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
n.c.
2
not connected
CAGC
3
charge capacitor for AGC
n.c.
4
not connected
n.c.
5
not connected
MATR
6
input for stereo matrix correction
FM2R1
7
reference circuit for FM2 (5.74 MHz)
FM2R2
8
reference circuit for FM2 (5,74 MHz)
AF2
9
AF2 output (AF out of 5.74 MHz)
AF1
10
AF1 output (AF out of 5.5 MHz)
FM1R1
11
reference circuit for FM1 (5.5 MHz)
FM1R2
12
reference circuit for FM1 (5.5 MHz)
n.c.
13
not connected
VC-R1
14
reference circuit for the vision carrier (38.9 MHz)
VC-R2
15
reference circuit for the vision carrier (38.9 MHz)
TRACK
16
DC output level for tracking
n.c.
17
not connected
FM1I
18
intercarrier input for FM1 (5.5 MHz)
CAF1
19
DC-decoupling capacitor for FM1 demodulator (AF1)
ICO
20
intercarrier output signal (5.5/5.74 MHz)
CAF2
21
DC-decoupling capacitor for FM2 demodulator (AF2)
FM2I
22
intercarrier input for FM2 (5.74 MHz)
GND
23
ground (0 V)
VP
24
+5 to +8 V supply voltage
n.c.
25
not connected
n.c.
26
not connected
FMIF1
27
IF difference input 1 (B/G standard, 38.9 MHz)
FMIF2
28
IF difference input 2 (B/G standard, 38.9 MHz)
PIN CONFIGURATION
Fig.2 Pin configuration.


Similar Part No. - TDA3867T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA38640 INFINEON-TDA38640 Datasheet
2Mb / 70P
   TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C
v2.4 2022-11-05
logo
NXP Semiconductors
TDA3866 PHILIPS-TDA3866 Datasheet
132Kb / 16P
   Quasi-split sound processor for all standards
January 1992
More results

Similar Description - TDA3867T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
logo
NXP Semiconductors
TDA3856 PHILIPS-TDA3856 Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3858 PHILIPS-TDA3858 Datasheet
157Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3866 PHILIPS-TDA3866 Datasheet
132Kb / 16P
   Quasi-split sound processor for all standards
January 1992
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com