Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC173AN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC173AN
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC173AN Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LBC173AN Datasheet HTML 3Page - Texas Instruments SN65LBC173AN Datasheet HTML 4Page - Texas Instruments SN65LBC173AN Datasheet HTML 5Page - Texas Instruments SN65LBC173AN Datasheet HTML 6Page - Texas Instruments SN65LBC173AN Datasheet HTML 7Page - Texas Instruments SN65LBC173AN Datasheet HTML 8Page - Texas Instruments SN65LBC173AN Datasheet HTML 9Page - Texas Instruments SN65LBC173AN Datasheet HTML 10Page - Texas Instruments SN65LBC173AN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN65LBC173A, SN75LBC173A
QUADRUPLE RS485 DIFFERENTIAL LINE RECEIVERS
SLLS456B − NOVEMBER 2000 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
−600
−400
−200
0
200
400
600
800
−10
−5
0
5
10
15
VCC = 0 V
VCC = 5 V
Bus Input Voltage − V
BUS INPUT CURRENT
vs
BUS INPUT VOLTAGE
Figure 7
0
1
2
3
4
5
6
−150
−100
−50
0
50
VIC = −7 V
VIC = 0 V
VIC = 12 V
VIC = −7 V
VIC = 0 V
VIC = 12 V
VCC = 5 V
TA = 25°C
Differential Input Voltage − mV
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 8
0
10
20
30
40
50
60
1
10
100
VCC = 5 V, No Load
VCC = 4.75 V, CL = 15 pF
VCC = 5 V, CL = 15 pF
VCC = 5.25 V, CL = 15 pF
Signaling Rate (All Four Channels) − Mbps
SUPPLY CURRENT
vs
SIGNALING RATE (ALL FOUR CHANNELS)
Figure 9
11
11.5
12
12.5
13
13.5
−40
−20
0
20
40
60
80
tPHL
tPLH
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C


Similar Part No. - SN65LBC173AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173AN TI-SN65LBC173AN Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LBC173AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A_08 Datasheet
572Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A_08 Datasheet
535Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com