Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4504 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA4504
Description  Small signal combination for multistandard colour TV
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4504 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4504 Datasheet HTML 2Page - NXP Semiconductors TDA4504 Datasheet HTML 3Page - NXP Semiconductors TDA4504 Datasheet HTML 4Page - NXP Semiconductors TDA4504 Datasheet HTML 5Page - NXP Semiconductors TDA4504 Datasheet HTML 6Page - NXP Semiconductors TDA4504 Datasheet HTML 7Page - NXP Semiconductors TDA4504 Datasheet HTML 8Page - NXP Semiconductors TDA4504 Datasheet HTML 9Page - NXP Semiconductors TDA4504 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
February 1992
6
Philips Semiconductors
Product specification
Small signal combination for multistandard colour TV
TDA4504B
FUNCTIONAL DESCRIPTION
Vision IF amplifier, demodulator
and video amplifier
Each of the three AC-coupled IF
stages permit the omission of DC
feedback and possess a control
range in excess of 20 dB.
The IF amplifier, which is completely
symmetrical, is followed by a passive
synchronous demodulator providing a
regenerated carrier signal. This is
limited by a logarithmic limiter circuit
prior to its application to the
demodulator.
A noise clamp circuit is provided at
the video input (pin 16) to limit
interference pulses below the sync tip
level and is more efficient than a
noise inverter in providing improved
picture stability during the presence of
interference.
The video amplifier has good linearity
and bandwidth figures.
AFC-circuit
Obtaining the AFC reference signal
from the demodulator tuned circuit
presents the advantage of utilizing a
single tuned circuit and one
adjustment. However, since the
frequency spectrum of the signal
applied to the demodulator is
determined by the characteristic of
the SAW filter, the resultant
asymmetrical spectrum with respect
to the vision carrier causes the AFC
output voltage to be dependent upon
the video signal. The TDA4504B thus
contains a sample-and-hold circuit.
With negative-going vision signals the
AFC is active only during the sync
pulse period. When positive-going
signals are applied to the device,
however, the AFC is continuously
active but filtered to ensure only a
small by-pass current is present in the
sample-and-hold circuit.
With weak input signals the drive
signal will contain considerable noise
which also possesses an
asymmetrical frequency spectrum
and could create an offset in the AFC
output voltage. The inclusion of a
notch in the demodulator tuned circuit
minimises this effect.
The sample-and-hold circuit is
followed by a high impedance output
amplifier. Thus the AFC control
gradient depends upon the load
impedance.
The AFC polarity switch is combined
with the start circuit (pin 12). It has a
negative slope when pin 12 is open or
connected to the main supply and a
positive slope when pin 12 is
grounded. The AFC is disabled when
the sample connection (pin 22) is
grounded.


Similar Part No. - TDA4504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
NXP Semiconductors
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
More results

Similar Description - TDA4504

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
Isahaya Electronics Cor...
2SC3249 ISAHAYA-2SC3249 Datasheet
100Kb / 3P
   SMALL-SIGNAL TRANSISTOR FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APLLICATION
logo
NXP Semiconductors
TDA8303 PHILIPS-TDA8303 Datasheet
153Kb / 21P
   Small signal combination IC for black/white TV
July 1992
logo
List of Unclassifed Man...
2SC3249 ETC-2SC3249 Datasheet
99Kb / 3P
   FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com