Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320TCI6482ZTZA8 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320TCI6482ZTZA8
Description  Communications Infrastructure Digital Signal Processor
Download  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320TCI6482ZTZA8 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320TCI6482ZTZA8 Datasheet HTML 6Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 7Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 8Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 9Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 10Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 11Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 12Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 13Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 255 page
background image
www.ti.com
2.3 Memory Map Summary
TMS320TCI6482
Communications Infrastructure Digital Signal Processor
SPRS246F – APRIL 2005 – REVISED MAY 2007
Table 2-2 shows the memory map address ranges of the TCI6482 device. The external memory
configuration register address ranges in the TCI6482 device begin at the hex address location 0x7000
0000 for EMIFA and hex address location 0x7800 0000 for DDR2 Memory Controller.
Table 2-2. TCI6482 Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Reserved
1024K
0000 0000 - 000F FFFF
Internal ROM
32K
0010 0000 - 0010 7FFF
Reserved
7M - 32K
0010 8000 - 007F FFFF
Internal RAM (L2) [L2 SRAM]
2M
0080 0000 - 009F FFFF
Reserved
4M
00A0 0000 - 00DF FFFF
L1P SRAM
32K
00E0 0000 - 00E0 7FFF
Reserved
1M - 32K
00E0 8000 - 00EF FFFF
L1D SRAM
32K
00F0 0000 - 00F0 7FFF
Reserved
1M - 32K
00F0 8000 - 00FF FFFF
Reserved
8M
0100 0000 - 017F FFFF
C64x+ Megamodule Registers
4M
0180 0000 - 01BF FFFF
Reserved
12.5M
01C0 0000 - 0287 FFFF
HPI Control Registers
256K
0288 0000 - 028B FFFF
McBSP 0 Registers
256K
028C 0000 - 028F FFFF
McBSP 1 Registers
256K
0290 0000 - 0293 FFFF
Timer 0 Registers
256K
0294 0000 - 0297 FFFF
Timer 1 Registers
128K
0298 0000 - 0299 FFFF
PLL1 Controller (including Reset Controller) Registers
512
029A 0000 - 029A 01FF
Reserved
256K - 512
029A 0200 - 029B FFFF
PLL2 Controller Registers
512
029C 0000 - 029C 01FF
Reserved
64K
029C 0200 - 029C FFFF
EDMA3 Channel Controller Registers
32K
02A0 0000 - 02A0 7FFF
Reserved
96K
02A0 8000 - 02A1 FFFF
EDMA3 Transfer Controller 0 Registers
32K
02A2 0000 - 02A2 7FFF
EDMA3 Transfer Controller 1 Registers
32K
02A2 8000 - 02A2 FFFF
EDMA3 Transfer Controller 2 Registers
32K
02A3 0000 - 02A3 7FFF
EDMA3 Transfer Controller 3 Registers
32K
02A3 8000 - 02A3 FFFF
Reserved
256K
02A4 0000 - 02A7 FFFF
Chip-Level Registers
256K
02A8 0000 - 02AB FFFF
Device State Control Registers
256K
02AC 0000 - 02AF FFFF
GPIO Registers
16K
02B0 0000 - 02B0 3FFF
I2C Data and Control Registers
256K
02B0 4000 - 02B3 FFFF
UTOPIA Control Registers
512
02B4 0000 - 02B4 01FF
Reserved
256K - 512
02B4 0200 - 02B7 FFFF
VCP2 Control Registers
128K
02B8 0000 - 02B9 FFFF
TCP2 Control Registers
128K
02BA 0000 - 02BB FFFF
Reserved
256K
02BC 0000 - 02BF FFFF
PCI Control Registers
256K
02C0 0000 - 02C3 FFFF
Reserved
256K
02C4 0000 - 02C7 FFFF
EMAC Control
4K
02C8 0000 - 02C8 0FFF
EMAC Control Module Registers
2K
02C8 1000 - 02C8 17FF
MDIO Control Registers
2K
02C8 1800 - 02C8 1FFF
Device Overview
10
Submit Documentation Feedback


Similar Part No. - TMS320TCI6482ZTZA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6482 TI1-TMS320TCI6482 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ TI1-TMS320TCI6482DZTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ2 TI1-TMS320TCI6482DZTZ2 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZA TI1-TMS320TCI6482DZTZA Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results

Similar Description - TMS320TCI6482ZTZA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com