Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4555 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA4555
Description  Multistandard decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4555 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA4555 Datasheet HTML 1Page - NXP Semiconductors TDA4555 Datasheet HTML 2Page - NXP Semiconductors TDA4555 Datasheet HTML 3Page - NXP Semiconductors TDA4555 Datasheet HTML 4Page - NXP Semiconductors TDA4555 Datasheet HTML 5Page - NXP Semiconductors TDA4555 Datasheet HTML 6Page - NXP Semiconductors TDA4555 Datasheet HTML 7Page - NXP Semiconductors TDA4555 Datasheet HTML 8Page - NXP Semiconductors TDA4555 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
November 1984
5
Philips Semiconductors
Product specification
Multistandard decoder
TDA4555
TDA4556
CHARACTERISTICS
VP = V13-9 = 12 V; Tamb = 25 °C; measured in Fig.1; unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 13)
Supply voltage range
VP = V13-9
10,8
13,2
V
Supply current
IP = I13
65
mA
Chrominance part
Chrominance input signal (pin 15)
input voltage with 75% colour bar signal (peak-to-peak
value)
V15-9(p-p)
20
100
200
mV
input impedance
Z15-9
2,3
3,3
k
Chrominance output signal (pin 12)
output voltage
(peak-to-peak value)
V12-9(p-p)
1,6
V
output impedance
(n-p-n emitter follower)
Z12-9−
20
d.c. output voltage
V12-9
8,2
V
Input for delayed signal (pin 10)
d.c. input current
I10
−−
10
µA
input resistance
R10-9
10
−−
k
Demodulator part (PAL/NTSC)
Colour difference output signals
output voltage (proportional to V13-9) (peak-to-peak value)
TDA4555
− (R-Y) signal (pin 1)
V1-9(p-p)
1,05 V
± 2dB −
V
− (B-Y) signal (pin 3)
V3-9(p-p)
1,33 V
± 2dB −
V
TDA4556
+ (R-Y) signal (pin 1)
V1-9(p-p)
1,05 V
± 2dB −
V
+ (B-Y) signal (pin 3)
V3-9(p-p)
1,33 V
± 2dB −
V
Ratio of colour difference output signals
(R-Y)/(B-Y)
V1/3-9
0,79
± 10% −
Residual carrier (subcarrier frequency)
(peak-to-peak value)
V1,3-9(p-p)
−−
30
mV
Residual carrier (PAL only)
(peak-to-peak value)
V1,3-9(p-p)
10
mV
H/2 ripple at (R-Y) output (pin 1)
(peak-to-peak value)
without input signal
V1-9(p-p)
−−
10
mV
D.C. output voltage
n-p-n emitter follower with internal current source of 0,3 mA V1,3-9
7,7
V
output impedance
Z1, 3-9−
150


Similar Part No. - TDA4555

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA4555 ETC1-TDA4555 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - TDA4555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
NXP Semiconductors
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
   Digital multistandard TV decoder
May 1991
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
STMicroelectronics
STA310 STMICROELECTRONICS-STA310 Datasheet
655Kb / 90P
   62-CH. MULTISTANDARD AUDIO DECODER
logo
NXP Semiconductors
TDA9873H PHILIPS-TDA9873H Datasheet
197Kb / 40P
   Multistandard dual carrier stereo sound decoder
2000 Apr 04
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com