Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297 Datasheet(PDF) 1 Page - Analog Devices

Part # OP297
Description  Dual Low Bias Current Precision Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297 Datasheet(HTML) 1 Page - Analog Devices

  OP297 Datasheet HTML 1Page - Analog Devices OP297 Datasheet HTML 2Page - Analog Devices OP297 Datasheet HTML 3Page - Analog Devices OP297 Datasheet HTML 4Page - Analog Devices OP297 Datasheet HTML 5Page - Analog Devices OP297 Datasheet HTML 6Page - Analog Devices OP297 Datasheet HTML 7Page - Analog Devices OP297 Datasheet HTML 8Page - Analog Devices OP297 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
OP297
Dual Low Bias Current
Precision Operational Amplifier
FEATURES
Low Offset Voltage: 50
V Max
Low Offset Voltage Drift: 0.6
V/ C Max
Very Low Bias Current: 100 pA Max
Very High Open-Loop Gain: 2000 V/mV Min
Low Supply Current (Per Amplifier): 625
A Max
Operates From
2 V to
20 V Supplies
High Common-Mode Rejection: 120 dB Min
Pin Compatible to LT1013, AD706, AD708, OP221,
LM158, and MC1458/1558 with Improved Performance
APPLICATIONS
Strain Gage and Bridge Amplifiers
High Stability Thermocouple Amplifiers
Instrumentation Amplifiers
Photo-Current Monitors
High Gain Linearity Amplifiers
Long-Term Integrators/Filters
Sample-and-Hold Amplifiers
Peak Detectors
Logarithmic Amplifiers
Battery-Powered Systems
PIN CONNECTIONS
8
7
6
5
1
2
3
4
OUTA
–INA
+INA
V+
OUTB
–INB
+INB
V–
B
A
GENERAL DESCRIPTION
The OP297 is the first dual op amp to pack precision performance
into the space-saving, industry-standard, 8-lead SOIC package.
Its combination of precision with low power and extremely low
input bias current makes the dual OP297 useful in a wide variety
of applications.
TEMPERATURE ( C)
60
–60
–75
–50
125
–25
0
25
50
75
100
40
20
0
–20
–40
IB
IB+
IOS
VS = 15V
VCM = 0V
Figure 1. Low Bias Current over Temperature
Precision performance of the OP297 includes very low offset,
under 50
µV, and low drift, below 0.6 µV/°C. Open-loop gain
exceeds 2000 V/mV, ensuring high linearity in every application.
Errors due to common-mode signals are eliminated by the
OP297’s common-mode rejection of over 120 dB, which mini-
mizes offset voltage changes experienced in battery-powered
systems. Supply current of the OP297 is under 625
µA per
amplifier, and the part can operate with supply voltages as low
as
±2 V.
The OP297 uses a super-beta input stage with bias current
cancellation to maintain picoamp bias currents at all temperatures.
This is in contrast to FET input op amps whose bias currents
start in the picoamp range at 25
°C, but double for every 10°C
rise in temperature, to reach the nanoamp range above 85
°C.
Input bias current of the OP297 is under 100 pA at 25
°C and is
under 450 pA over the military temperature range.
Combining precision, low power, and low bias current, the OP297
is ideal for a number of applications, including instrumentation
amplifiers, log amplifiers, photodiode preamplifiers, and long-
term integrators. For a single device, see the OP97; for a quad,
see the OP497.
INPUT OFFSET VOLTAGE ( V)
400
0
–100 –80
60
–60
–40
–20
0
20
40
300
200
100
80
100
TA = 25 C
VS = 15V
VCM = 0V
1200 UNITS
Figure 2. Very Low Offset


Similar Part No. - OP297

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297 AD-OP297 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
logo
OPTEK Technologies
OP297A OPTEK-OP297A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP297A OPTEK-OP297A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP297A TTELEC-OP297A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP297

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297S AD-OP297S Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com