Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5713R50KL.50XX Datasheet(PDF) 2 Page - Bi technologies

Part # 5713R50KL.50XX
Description  3 Diameter Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5713R50KL.50XX Datasheet(HTML) 2 Page - Bi technologies

  5713R50KL.50XX Datasheet HTML 1Page - Bi technologies 5713R50KL.50XX Datasheet HTML 2Page - Bi technologies 5713R50KL.50XX Datasheet HTML 3Page - Bi technologies 5713R50KL.50XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
1K
0.062
±130 ppm/°C
2K
0.050
±130 ppm/°C
5K
0.038
±130 ppm/°C
10K
0.031
±130 ppm/°C
20K
0.027
±130 ppm/°C
50K
0.024
± 20 ppm/°C
100K
0.022
± 20 ppm/°C
2-56
Model 5710 Series
MECHANICAL
Total Mechanical Travel
360° Continuous
Number of Cups, Maximum
4
Weight, Nominal
5.8 oz. Single Cup
1.3 oz. Each Added Cup
Backlash, Maximum
Shaft End Play, Maximum
.005”
5711
5713
Shaft Runout, T.I.R., Maximum
.0005”
.001”
Pilot Diameter Runout, T.I.R., Maximum
.002”
.0015”
Lateral Runout, T.I.R., Maximum
.004”
.101”
Shaft Radial Play, Maximum
.004”
.002”
Starting Torque, Maximum
1.5 oz.-in.
1.3 oz.-in.
Running Torque, Maximum
1.2 oz.-in.
0.7 oz.-in.
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m


Similar Part No. - 5713R50KL.50XX

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
   DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Bi technologies
5713 BITECH-5713 Datasheet
121Kb / 4P
   Precision Potentiometer
logo
Bourns Electronic Solut...
5713-RC BOURNS-5713-RC Datasheet
474Kb / 1P
   High Current Toroid Inductors
logo
Molex Electronics Ltd.
57130-6000 MOLEX-57130-6000 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
57131-6000 MOLEX-57131-6000 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
More results

Similar Description - 5713R50KL.50XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
   3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 15-Jun-07
logo
Bi technologies
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com