Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4661T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA4661T
Description  Baseband delay line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4661T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA4661T Datasheet HTML 1Page - NXP Semiconductors TDA4661T Datasheet HTML 2Page - NXP Semiconductors TDA4661T Datasheet HTML 3Page - NXP Semiconductors TDA4661T Datasheet HTML 4Page - NXP Semiconductors TDA4661T Datasheet HTML 5Page - NXP Semiconductors TDA4661T Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
December 1994
5
Philips Semiconductors
Product specification
Baseband delay line
TDA4661
CHARACTERISTICS
VP = 5.0 V; input signals as specified in characteristics with 75% colour bars; super-sandcastle frequency of
15.625 kHz; Tamb = +25 °C; measurements taken in Fig.3 unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage (analog part; pin 9)
4.5
5
6
V
VP2
supply voltage (digital part; pin 1)
4.5
5
6
V
IP1
supply current
4.2
6.0
mA
IP2
supply current
0.7
1.0
mA
Colour-difference input signals
VI
input signal (peak-to-peak value)
±(R−Y) PAL and NTSC (pin 16)
525
mV
±(B−Y) PAL and NTSC (pin 14)
665
mV
±(R−Y) SECAM (pin 16)
note 1
1.05
V
±(B−Y) SECAM (pin 14)
note 1
1.33
V
VI(max)
maximum symmetrical input signal
(peak-to-peak value)
±(R−Y) or ±(B−Y) for PAL and NTSC
before clipping
1
V
±(R−Y) or ±(B−Y) for SECAM
before clipping
2
V
R14, 16
input resistance
40
k
C14, 16
input capacitance
10
pF
V14, 16
input clamping voltage
proportional to VP
1.3
1.5
1.7
V
Colour-difference output signals
VO
output signal (peak-to-peak value)
±(R−Y) on pin 11
all standards
1.05
V
±(B−Y) on pin 12
all standards
1.33
V
V11/V12
ratio of output amplitudes at equal input
signals
VI14, 16 = 1.33 V (p-p)
−0.4
0
+0.4
dB
V11, 12
DC output voltage
proportional to VP
2.5
2.9
3.3
V
R11, 12
output resistance
330
400
Gv
gain for PAL and NTSC
ratio VO/VI
5.3
5.8
6.3
dB
gain for SECAM
ratio VO/VI
−0.6
−0.1
+0.4
dB
Vn/Vn+1
ratio of output signals on pins 11 and 12
for adjacent time samples at constant
input signals
VI14, 16 = 1.33 V (p-p);
SECAM signals
−0.1
0
+0.1
dB
Vn
noise voltage
(RMS value; pins 11 and 12)
VI14, 16 = 0 V; note 2
1.2
mV
S/N(W)
weighted signal-to-noise ratio
VO = 1 V (p-p); note 2
54
dB
td
delay of delayed signals
63.94
64.0
64.06
µs
delay of non-delayed signals
40
60
80
ns
ttr
transient time of delayed signal on
pins 11 respectively 12
300 ns transient of
SECAM signal
350
ns
transient time of non-delayed signal on
pins 11 respectively 12
300 ns transient of
SECAM signal
320
ns


Similar Part No. - TDA4661T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4660T PHILIPS-TDA4660T Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
TDA4662T PHILIPS-TDA4662T Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
TDA4663 PHILIPS-TDA4663 Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
More results

Similar Description - TDA4661T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
TEMIC Semiconductors
U3665M TEMIC-U3665M Datasheet
131Kb / 9P
   Baseband Delay Line 64 us (Improved Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com