Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2420 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F2420
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420 Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F2420_05 Datasheet HTML 1Page - Microchip Technology PIC18F2420_05 Datasheet HTML 2Page - Microchip Technology PIC18F2420_05 Datasheet HTML 3Page - Microchip Technology PIC18F2420_05 Datasheet HTML 4Page - Microchip Technology PIC18F2420_05 Datasheet HTML 5Page - Microchip Technology PIC18F2420_05 Datasheet HTML 6Page - Microchip Technology PIC18F2420_05 Datasheet HTML 7Page - Microchip Technology PIC18F2420_05 Datasheet HTML 8Page - Microchip Technology PIC18F2420_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PIC18F2420/2520/4420/4520
DS80209D-page 4
© 2005 Microchip Technology Inc.
12. Module: ECCP
The PWM pin(s) may change state if a breakpoint
is encountered during emulation and an auto-
shutdown event occurs via FLT0. This affects the
MPLAB® ICD 2 debugger and the ICE 2000 and
ICE 4000 emulators.
Work around
During emulation, use the comparator for auto-
shutdown. Applications which can tolerate a
shutdown response time of several TCYs may use
the external interrupt flag, INT0IF, to detect a
shutdown event and disable the PWM by clearing
the ECCPASE bit (ECCP1AS<7>).
Date Codes that pertain to this issue:
All engineering and production devices.
13. Module: ECCP and CCP
When operating either Timer1 or Timer3 as a
counter with a prescale value other than 1:1 and
operating the ECCP in Compare mode with the
Special
Event
Trigger
(CCP1CON
bits
CCP1M3:CCP1M0 = 1011), the Special Event
Trigger Reset of the timer occurs as soon as there
is
a
match
between
TMRxH:TMRxL
and
CCPR1H:CCPR1L.
This differs from the PIC18F452, where the Special
Event Trigger Reset of the timer occurs on the next
prescaler output pulse after the match between
TMRxH:TMRxL and CCPR1H:CCPR1L.
Work around
To achieve the same timer Reset period on the
PIC18F4520 family as the PIC18F452 family for a
given clock source, add 1 to the value in
CCPR1H:CCPR1L.
In
other
words,
if
CCPR1H:CCPR1L = x for the PIC18F452, to
achieve
the
same
Reset
period
on
the
PIC18F4520 family, CCPR1H:CCPR1L = x + 1,
where the prescale is 1, 2, 4 or 8 depending on the
T1CKPS1:T1CKPS0 bit values.
Date Codes that pertain to this issue:
All engineering and production devices.
14. Module: ECCP
When a shutdown condition occurs, the output port
is made inactive for the duration of the event. After
the event that caused the shutdown ends, the
ECCP module enables the PWM output right away
instead of waiting until the beginning of the next
PWM cycle.
Work around
Disable the auto-restart feature in software, polling
the Timer2 Interrupt Flag (TMR2IF) and wait until it
is set before clearing the ECCPASE bit.
Date Codes that pertain to this issue:
All engineering and production devices.
15. Module: ECCP
When switching direction in Full-Bridge PWM
mode, the modulated outputs will switch immedi-
ately instead of waiting for the next PWM cycle.
This may generate unexpected short pulses on the
modulated outputs.
Work around
Disable the PWM or set duty cycle to zero prior to
switching directions.
Date Codes that pertain to this issue:
All engineering and production devices.


Similar Part No. - PIC18F2420_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
More results

Similar Description - PIC18F2420_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2525 MICROCHIP-PIC18F2525 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2525 MICROCHIP-PIC18F2525_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
4Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com