Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2420 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC18F2420
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420 Datasheet(HTML) 5 Page - Microchip Technology

  PIC18F2420_05 Datasheet HTML 1Page - Microchip Technology PIC18F2420_05 Datasheet HTML 2Page - Microchip Technology PIC18F2420_05 Datasheet HTML 3Page - Microchip Technology PIC18F2420_05 Datasheet HTML 4Page - Microchip Technology PIC18F2420_05 Datasheet HTML 5Page - Microchip Technology PIC18F2420_05 Datasheet HTML 6Page - Microchip Technology PIC18F2420_05 Datasheet HTML 7Page - Microchip Technology PIC18F2420_05 Datasheet HTML 8Page - Microchip Technology PIC18F2420_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2005 Microchip Technology Inc.
DS80209D-page 5
PIC18F2420/2520/4420/4520
16. Module: A/D
The A/D offset is greater than the specified limit in
Table 26-24 of the Device Data Sheet. The addi-
tional Parameter A06A and updated conditions
and limits are shown in bold text in Table 2.
Work around
Three work arounds exist.
1. Configure the A/D to use the VREF+ and VREF-
pins for the voltage references. This is done by
setting the VCFG<1:0> bits (ADCON1<5:4>).
2. Perform a conversion on a known voltage
reference voltage and adjust the A/D result in
software.
3. Increase system clock speed to 40 MHz and
adjust A/D settings accordingly. Higher system
clock frequencies decrease offset error.
TABLE 2:
A/D CONVERTER CHARACTERISTICS: PIC18FX42X/X52X (INDUSTRIAL, EXTENDED)
PIC18LFX42X/X52X (INDUSTRIAL)
Date Codes that pertain to this issue:
All engineering and production devices.
17. Module: BOD
The BOD module may reset below the minimum
operating voltage of the device when configured
for BORV1:BORV0 = 11. The updated Reset
voltage specifications are shown in bold in
Table 3.
TABLE 3:
BROWN-OUT RESET VOLTAGE
Work around
Use the next higher BOD voltage setting to ensure
a low VDD is detected above 2.0V.
Date Codes that pertain to this issue:
All engineering and production devices.
18. Module: EUSART
When performing back-to-back transmission in
9-bit mode (TX9D bit in the TXSTA register is
set), an ongoing transmission’s timing can be
corrupted
if
the
TX9D
bit
(for
the
next
transmission) is not written immediately follow-
ing the setting of TXIF. This is because any
write to the TXSTA register results in a reset of
the baud rate timer which will effect any ongoing
transmission.
Work around
Load TX9D just after TXIF is set, either by polling
TXIF or by writing TX9D at the beginning of the
Interrupt Service Routine, or only write to TX9D
when
a
transmission
is
not
in
progress
(TRMT = 1).
Date Codes that pertain to this issue:
All engineering and production devices.
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
A06A
EOFF
Offset Error
<
±1.5
LSb
VREF = VREF+ and VREF-
A06
EOFF
Offset Error
<
±3.5
LSb
VREF = VSS and VDD
Param
No.
Sym
Characteristic
Min
Typ Max Unit
D005
VBOR Brown-out Reset Voltage
PIC18LF2420/2520/4420/4520
BORV1:BORV0 = 11 N/A 2.05 N/A
V


Similar Part No. - PIC18F2420_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
More results

Similar Description - PIC18F2420_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2525 MICROCHIP-PIC18F2525 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2525 MICROCHIP-PIC18F2525_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
4Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com