Electronic Components Datasheet Search |
|
TDA4665T Datasheet(PDF) 6 Page - NXP Semiconductors |
|
TDA4665T Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 12 page 1996 Dec 17 6 Philips Semiconductors Product specification Baseband delay line TDA4665 Notes 1. For SECAM the signal must be blanked line-sequentially. The blanking level must be equal to the non-colour signal. For SECAM, PAL and NTSC the input signal must be equal to the non-colour signal during the internal clamping of TDA4665 (3 to 1 µs before the leading edge of the top pulse of V5). 2. Noise voltage at f = 10 kHz to 1 MHz; RS < 300 Ω. 3. The leading edge of the burst-key pulse or top pulse is used for timing. td delay of non-delayed signals 40 60 80 ns ttr transient time of delayed signal on pins 11 respectively 12 300 ns transient of SECAM signal − 350 − ns transient time of non-delayed signal on pins 11 respectively 12 300 ns transient of SECAM signal − 320 − ns Sandcastle pulse input (pin 5) fBK burst-key frequency/sandcastle frequency 14.2 15.625 17.0 kHz V5 top pulse voltage note 3 4.0 − VP + 1.0 V Vslice internal slicing level V5 − 1.0 − V5 − 0.5 V I5 input current −− 10 µA C5 input capacitance −− 10 pF SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT |
Similar Part No. - TDA4665T |
|
Similar Description - TDA4665T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |