Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8807AEVAZ-3 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8807AEVAZ-3
Description  600mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8807AEVAZ-3 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8807AEVAZ-3 Datasheet HTML 1Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 2Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 3Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 4Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 5Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 6Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 7Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 8Page - Analog Microelectronics AME8807AEVAZ-3 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AME, Inc.
5
AME8807
600mA CMOS LDO
Rev.M.01
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
oC
Junction Temperature Range
TJ
- 40 to 125
oC
Storage Temperature Range
TSTG
- 65 to 150
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
*HBM B:2000V~3999V
* Measure
θ
JC on center of molding compound if IC has no tab. O
** MIL-STD-202G 210F F
Parameter
Maximum
Unit
Input Voltage
-0.3 to 8
V
EN Voltage
-0.3 to 8
V
Output Voltage
-0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*
Parameter
Package
Die Attach
Symbol
Maximum
Unit
SOP-8
60
DFN-6
(3mmx3mmx0.6mm)
17
SOP-8
150
DFN-6
(3mmx3mmx0.6mm)
125
SOP-8
810
mW
DFN-6
(3mmx3mmx0.6mm)
800
Maximum Junction Temperature
150
oC
Solder Iron (10 Sec)**
350
oC
Internal Power Dissipation
PD
Conductive
Epoxy
oC / W
Thermal Resistance*
(Junction to Case)
θ
JC
Thermal Resistance
(Junction to Ambient)
θ
JA


Similar Part No. - AME8807AEVAZ-3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8807AEVAZ3 AME-AME8807AEVAZ3 Datasheet
182Kb / 15P
   600mA CMOS LDO
More results

Similar Description - AME8807AEVAZ-3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com