Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8807BEHAY-3 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8807BEHAY-3
Description  600mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8807BEHAY-3 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8807BEHAY-3 Datasheet HTML 2Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 3Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 4Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 5Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 6Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 7Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 8Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 9Page - Analog Microelectronics AME8807BEHAY-3 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AME, Inc.
6
600mA CMOS LDO
AME8807
伍 豐 明 年 每 股 EPS挑 戰 11 元
伍 豐
Rev.M.01
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.5V<VO(NOM)<=2.0V
1400
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)
600
Output Current
IO
600
mA
Current Limit
ILIM
600
800
mA
Short Circuit Current
ISC
300
600
mA
Quiescent Current
(For Fixed Output Voltage Options)
Ground Pin Current
IGND
30
µA
VO < 2.0V
0.15
%
VO >= 2.0V
0.02
0.1
%
Load Regulation
REGLOAD
0.2
1
%
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
f=10kHz
20
f=100kHz
15
ADJ Reference Voltage
VREF
1.203 1.215 1.227
V
VEH
2.0
Vin
V
VEL
0
0.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
1
µA
Test Condition
IO=600mA
VO=VO(NOM) -2.0%
See
chart
Dropout Voltage
VDROPOUT
IO=1mA
µA
IO=0mA
30
50
mV
VO>1.2V
VO>1.2V
VO<0.8V
Power Supply Rejection
IO=100mA
CO=2.2
µF
Line Regulation
IQ
EN Input Bias Current
VEN=VIN, VIN=2.7V to 7V
VEN=0V, VIN=2.7V to 7V
VIN=5V, VO=0V, VEN<VEL
EN Input Threshold
VIN=2.7V to 7V
VIN=2.7V to 7V
µVrms
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA
Co=2.2
µF
30
dB
PSRR
REGLINE
IO=1mA
VIN=VO+1 to VO+2
IO=1mA to 600mA
IO=1mA to 600mA
n Electrical Specifications
TA = 25OC unless otherwise noted
Note1:V
IN(min)=VOUT+VDROPOUT


Similar Part No. - AME8807BEHAY-3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8807BEHA AME-AME8807BEHA Datasheet
91Kb / 11P
   600mA CMOS LDO
AME8807BEHAZ3 AME-AME8807BEHAZ3 Datasheet
182Kb / 15P
   600mA CMOS LDO
More results

Similar Description - AME8807BEHAY-3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com