Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD30A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BD30A
Description  BRUSHLESS SERVO AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BD30A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  BD30A Datasheet HTML 1Page - List of Unclassifed Manufacturers BD30A Datasheet HTML 2Page - List of Unclassifed Manufacturers BD30A Datasheet HTML 3Page - List of Unclassifed Manufacturers BD30A Datasheet HTML 4Page - List of Unclassifed Manufacturers BD30A Datasheet HTML 5Page - List of Unclassifed Manufacturers BD30A Datasheet HTML 6Page - List of Unclassifed Manufacturers BD30A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BD30A Series
B-20
SET-UP: See section "G" for engineering and installation notes.
CURRENT LIMIT ADJUSTMENTS:
These amplifiers feature peak and continuous current limit adjustments. DIP switches reduce both peak and continuous
current limit. The ratio of peak/continuous current limit is fixed (50%). The switches also adjust the scaling of CURR-
MONITOR output.
SW1
SW2
SW3
Peak current
(% of max.)
Continuous current
(% of max. cont.)
Current Monitor Scaling
ON
ON
ON
100 %
100 %
4 A/V
ON
ON
OFF
50 %
50 %
2 A/V
ON
OFF
OFF
25 %
25 %
1 A/V
OFF
OFF
OFF
12.5 %
12.5 %
0.5 A/V
The actual current can be monitored at pin P1-15 and is referenced to POWER GND P2-4.
OPTICAL INPUT SIGNAL ISOLATION:
PWM, DIR, INH, FAULT inputs are always isolated from the power section. If the isolation option is selected the Hall
sensor inputs (P1-10 through 14) are also isolated. If the isolated version is not ordered, an isolated power supply should
be used with this series of amplifiers.
ORDERING INFORMATION:
Models: BD30A8X, BD25A20X
With isolation:
Models: BD30A8IX, BD25A20IX
X indicates the current revision letter.
MOUNTING DIMENSIONS: See page F-9.


Similar Part No. - BD30A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3004HFP ROHM-BD3004HFP Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
More results

Similar Description - BD30A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B40A40 ETC1-B40A40 Datasheet
114Kb / 6P
   BRUSHLESS SERVO AMPLIFIERS
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
   BLM Series Brushless DC Servo Motors
logo
List of Unclassifed Man...
10A8DD ETC2-10A8DD Datasheet
161Kb / 5P
   PWM BRUSH TYPE SERVO AMPLIFIERS
MC2310 ETC1-MC2310 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
logo
SparkFun Electronics
ROB-12444 SPARKFUN-ROB-12444 Datasheet
91Kb / 1P
   Servo Mount - Servo Plate B
2/10/2016
ROB-12330 SPARKFUN-ROB-12330 Datasheet
93Kb / 1P
   Servo Mount - Servo Plate A
2/10/2016
ROB-12292 SPARKFUN-ROB-12292 Datasheet
97Kb / 1P
   Servo Mount - Servo Plate D
2/10/2016
ROB-12237 SPARKFUN-ROB-12237 Datasheet
95Kb / 1P
   Servo Mount - Servo Plate C
2/10/2016
logo
List of Unclassifed Man...
NE544 ETC1-NE544 Datasheet
300Kb / 6P
   SERVO AMPLIFIER
logo
Festo Corporation.
8148273 FESTO-8148273 Datasheet
102Kb / 3P
   Servo motor
5/30/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com