Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4691T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA4691T
Description  Sync Processor with Clock SPC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4691T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA4691T Datasheet HTML 5Page - NXP Semiconductors TDA4691T Datasheet HTML 6Page - NXP Semiconductors TDA4691T Datasheet HTML 7Page - NXP Semiconductors TDA4691T Datasheet HTML 8Page - NXP Semiconductors TDA4691T Datasheet HTML 9Page - NXP Semiconductors TDA4691T Datasheet HTML 10Page - NXP Semiconductors TDA4691T Datasheet HTML 11Page - NXP Semiconductors TDA4691T Datasheet HTML 12Page - NXP Semiconductors TDA4691T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
September 1993
9
Philips Semiconductors
Preliminary specification
Sync Processor with Clock (SPC)
TDA4691
∆f0/∆V16
VCO sensitivity
4% control range;
depending on current
at pin 18
360
kHz/V
Input of external oscillator (pin 15)
V15
pin voltage AC
see Fig.4(b)
1
3V
V15
pin voltage DC
dependent on V19
5
V
Rint
internal resistance
see Fig.4(b)
7
k
Cint
internal capacitance
see Fig.4(b)
4
pF
13.5 MHz buffer (pin 13)
V13
clock HIGH level output voltage
I13 = −1 mA;
V12 = 4.5 V
2.7
V12
V
V13
clock HIGH level output voltage
I13 = 0 mA
2.7
V12
V
V13
clock LOW level output voltage
I13 = 2 mA;
V12 = 5.5 V
0
0.8
V
tr
rise time
see Fig.5
20
ns
tf
fall time
see Fig.5
20
ns
D13
mark-to-space ratio
V13 = 1.5 V
45/55
55/45
%
CL
load capacitance
−−
40
pF
∆T
13
jitter on clock output
(peak-to-peak value)
normal time constant
T2;
measured between
lines 25 and 305
−−
2ns
H-output buffer (pin 11)
V11
H HIGH level output voltage
I11 = −1 mA;
V12 = 4.5 V
2.7
V12
V
V11
H HIGH level output voltage
I11 = 0 mA
2.7
V12
V
V11
H LOW level output voltage
I11 = 2 mA;
V12 = 5.5 V
0
0.8
V
tr
rise time
see Fig.6
25
ns
tf
fall time
see Fig.6
25
ns
t3
time relation pin 13 to 11
see Fig.6
25
55
ns
t4
time relation pin 13 to 11
see Fig.6
3
−−
ns
t5
H-pulse width
see Fig.6
3.0
3.6
4.2
µs
CL
load capacitance
see Fig.6
−−
40
pF
Start of H-pulse (pin 14)
I14
current pin 14
−−
±100
µA
t61
time delay pulse between pin 20 and 11
see Fig.6
−1.1
−1.3
−1.5
µs
t62
time delay pulse between pin 20 and 11
see Fig.6
−0.6
−0.8
−1.0
µs
t63
time delay pulse between pin 20 and 11
see Fig.6
3.8
4.0
4.2
µs
t64
time delay pulse between pin 20 and 11
see Fig.6
5.0
5.2
5.4
µs
V14 (t 61)
voltage pin 14 (proportional to V19)0
1V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4691T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA4600 MOTOROLA-TDA4600 Datasheet
313Kb / 6P
   CONTROL IC FOR LINE ISOLATED FREELY OSCILLATING FLYBACK CONVERTER
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
TDA4601-D SIEMENS-TDA4601-D Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
More results

Similar Description - TDA4691T

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
   SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
List of Unclassifed Man...
WT9051 ETC1-WT9051 Datasheet
1Mb / 42P
   SYNC SINGAL PROCESSOR TOR MILTI-SYNC DISPLAY
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Motorola, Inc
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com