Selected language     English  ▼


TDA4851 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA4851
Description  Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 10 page
background image
November 1992
10
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for VGA/XGA and autosync monitors
TDA4851
Notes to the characteristics
1.
∆Io/∆t relative to value of Mode 3.
2. Parabola amplitude tracks with mode-dependent vertical amplitude but not with vertical amplitude adjustment.
Tracking can be achieved by a resistor from vertical amplitude potentiometer to pin 14.
Horizontal output (open-collector)
Fig.6
V3
output voltage LOW
I3 =20mA
−−
0.3
V
I3 =60mA
−−
0.8
V
tp/tH
tH duty factor
42
45
48
%
VP
threshold to activate under voltage
protection
horizontal output off
5.6
V
horizontal output on
5.8
V
∆tH
jitter of horizontal output
f
= 31 kHz
−−
3.5
ns
f
= 64 kHz
−−
1.9
ns
f
= 100 kHz
−−
1.2
ns
E/W output
note 2
V11
bottom output signal during mid-scan
(pin 11)
internally stabilized
1.05
1.2
1.35
V
top output signal during flyback
4.2
4.5
4.8
V
temperature coefficient of output signal
−−
250
10-6/K
E/W amplitude adjustment (parabola)
Fig.7
V14
input voltage (pin 14)
5.0
V
I14
adjustment current
100% parabola
−110
−120
−135
µA
typically 28% parabola
0
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl