Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4857PS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA4857PS
Description  I2C-bus autosync deflection controller for PC monitors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4857PS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA4857PS Datasheet HTML 11Page - NXP Semiconductors TDA4857PS Datasheet HTML 12Page - NXP Semiconductors TDA4857PS Datasheet HTML 13Page - NXP Semiconductors TDA4857PS Datasheet HTML 14Page - NXP Semiconductors TDA4857PS Datasheet HTML 15Page - NXP Semiconductors TDA4857PS Datasheet HTML 16Page - NXP Semiconductors TDA4857PS Datasheet HTML 17Page - NXP Semiconductors TDA4857PS Datasheet HTML 18Page - NXP Semiconductors TDA4857PS Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
2000 Jan 31
15
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4857PS
Automatic polarity correction for vertical sync
tW(VSYNC)(max)
maximum width of vertical sync
pulse
−−
400
µs
td(VPOL)
delay time for changing polarity
0.45
1.8
ms
Video clamping/vertical blanking output: pin CLBL
tclamp(CLBL)
width of video clamping pulse
measured at VCLBL = 3 V
0.6
0.7
0.8
µs
Vclamp(CLBL)
top voltage level of video
clamping pulse
4.32
4.75
5.23
V
TCclamp
temperature coefficient of
Vclamp(CLBL)
4
mV/K
STPSclamp
steepness of slopes for
clamping pulse
RL =1MΩ; CL =20pF
50
ns/V
td(HSYNCt-CLBL)
delay between trailing edge of
horizontal sync and start of
video clamping pulse
clamping pulse triggered
on trailing edge of
horizontal sync;
control bit CLAMP = 0;
measured at VCLBL =3V
130
ns
tclamp1(max)
maximum duration of video
clamping pulse referenced to
end of horizontal sync
−−
1.0
µs
td(HSYNCl-CLBL)
delay between leading edge of
horizontal sync and start of
video clamping pulse
clamping pulse triggered
on leading edge of
horizontal sync;
control bit CLAMP = 1;
measured at VCLBL =3V
300
ns
tclamp2(max)
maximum duration of video
clamping pulse referenced to
end of horizontal sync
−−
0.15
µs
Vblank(CLBL)
top voltage level of vertical
blanking pulse
notes 1 and 2
1.7
1.9
2.1
V
tblank(CLBL)
width of vertical blanking pulse
at pins CLBL and HUNLOCK
control bit VBLK = 0
220
260
300
µs
control bit VBLK = 1
305
350
395
µs
TCblank
temperature coefficient of
Vblank(CLBL)
2
mV/K
Vscan(CLBL)
output voltage during vertical
scan
ICLBL = 0
0.59
0.63
0.67
V
TCscan
temperature coefficient of
Vscan(CLBL)
−−2
mV/K
Isink(CLBL)
internal sink current
2.4
−−
mA
IL(CLBL)
external load current
−−−3.0
mA
Horizontal oscillator: pins HCAP and HREF
ffr(H)
free-running frequency without
PLL1 action (for testing only)
RHBUF = ∞;
RHREF = 2.4 kΩ;
CHCAP = 10 nF; note 3
30.53
31.45
32.39
kHz
∆ffr(H)
spread of free-running
frequency (excluding spread of
external components)
−−±3.0
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4857PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4854 PHILIPS-TDA4854 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
More results

Similar Description - TDA4857PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4858 PHILIPS-TDA4858 Datasheet
260Kb / 44P
   Economy Autosync Deflection Controller (EASDC)
1997 Oct 27
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com