Selected language     English  ▼


TDA4860 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4860
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
1997 Oct 27
6
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4860
CHARACTERISTICS
VP1 =VP2 = 25 V; VN =V6 =0V; Tamb =25 °C; voltages referenced to substrate (pin 6); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage 1 (pin 1)
9
25
30
V
VP2
supply voltage 2 (pin 4)
9
25
60
V
VP3
supply voltage 3 (pin 8)
9
60
V
IP1
supply current (pin 1)
−−
10
mA
IP2
quiescent supply current (pin 4)
without input signal
9
mA
Pre-amplifier
V2,3
input voltage (pins 2 and 3)
1.6
VP1 − 0.5 V
I2,3
input quiescent current
without input signal
100
nA
Flyback generator
V7
output voltage
upper value; I7 = −1A −
VP3 − 2.2 −
V
I7(M)
flyback output current
(maximum value; pin 7)
−−±1A
V1-5
threshold voltage to switch flyback
on/off threshold
1.4
V
tp FLB
flyback pulse time
see Figs 1 and 3
250
−µs
Vertical output; see Fig.3
V5
output voltage
upper value; I5 = −1A VP2 − 2.3 VP2 − 2
V
lower value; I5 =1A
1.5
1.7
V
I5(M)
vertical output current
(maximum value; pin 5)
−−±1A
LIN
non-linearity of output signal
−−
1%
Pulse circuit output; see Fig.3
V9
output voltage
RPCO =10kΩ;
see Fig.1
0.4
VP1 − 0.4 V
V9
output voltage for thermal protection
active
VP1 − 0.4 −−
V
V1-5
voltage to insert flyback pulse on pin 9 normal condition
−−
1.4
V
tp9
pulse width
deflection open-circuit
50
%
normal condition
tp FLB
−−µs




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4861Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
NTE7136Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
STV9383Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications 1 2 3 4 5 MoreSTMicroelectronics
2SB689LOW FREQUENCY POWER AMPLIFIER TV VERTICAL DEFLECTION OUTPUT 1 List of Unclassifed Manufacturers
TA8432KPOWER AMPLIFIER FOR DRIVING A DEFLECTION CIRCUIT OF A COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
TA8445KPOWER AMPLIFIER FOR DRIVING A DEFLECTION CIRCUIT OF A COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl