Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABSM3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABSM3
Description  MICROPROCESSOR CRYSTALS AT 49 CASE GROUNDED (- G), SURFACE MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSM3 Datasheet(HTML) 1 Page - Abracon Corporation

  ABSM3 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICROPROCESSOR CRYSTALS
AT 49 CASE GROUNDED (- G), SURFACE MOUNT
ABSM3 Series
APPLICATIONS:
• Modems, Communications, High-density equipment
• Low EMI applications, Noise veductions.
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
3.579MHz - 60MHz
Operation Mode
3.579MHz - 28MHz (Fundamental)
28.01MHz - 60MHz (3rd overtone)
(Fundamental Frequency up to 50MHz)
Operating Temperature
-10°C to +60°C (See Options)
Storage Temperature
-
40°Cto +85°C
Frequency Tolerance @ 25°C
±50ppm max. (See Options)
Frequency Stability over Temp.
±100ppm max. (See Options)
Equivalent Series Resistance
180 W max. for 3.579MHz < F < 4.000MHz
(ESR) Fundamental
150 W max. for 4.000MHz < F < 5.000MHz
100 W max. for 5.000MHz < F < 7.000MHz
50 W max. for 7.000MHz < F < 15.00MHz
40 W max. for 15.00MHz < F < 50.00MHz
3rd Overtone
100 W max. for 28.0MHz < F < 60.00MHz
Shunt Capacitance C0
7pF max.
Load Capacitance CL
18pF (See Options)
Drive Level
1mW max., 100µW correlation
Aging @ 25°C per Year
±5ppm max.
Insulation Resistance
500MW min. at 100Vdc ±15V
FEATURES:
• Excellent all-purpose surface-mount crystal.
• Two different pin connections.
• Four pad land pattern compatible with common plastic molded designs.
• Case ground on AG series.
Environmental, and mechanical specifications see appendix C, Group 1.
Marking, see appendix G. Tape and Reel, see appendix H.(1,000 pcs/reel).
Reflow profile, see appendix E. Recommended handling, see appendix F.
Application notes, see appendix A.
ABSM3XXX - Frequency - CL - ESR - Temperature - Tolerance - Stability - Mode - Packaging
XX.XXXX MHz
RXXX
(value in W)
-1 for ± 10ppm
-7 for ± 15ppm
-2 for ± 20ppm
-3 for ± 25ppm
-4 for ± 30ppm
- T
(Tape & Reel)
-F (Fundamental AT > 28MHz)
-FB (Fundamental BT > 28MHz)*
-U for ± 10ppm
-G for ± 15ppm
-X for ± 20ppm
-W for ± 25ppm
-Y for ± 30ppm
-H for ± 35ppm
-Z for ± 50ppm
-E for 0°C to + 70°C
-B for -20°C to + 70°C
-C for -30°C to + 70°C
-N for -30°C to + 85°C
-D for -40°C to + 85°C
ORDERING OPTIONS
Load cap.in pF or
-S for Series
Blank
2, 3
Dimensions:
Inches (mm)
PIN CONNECTIONS
* +100ppm @ -10
oC to +60oC.
13.0 x 4.3 x 6.2 mm
Part Number H (max.)
ABSM3A
0.20 (5.1)
ABSM32A
0.18 (4.5)
ABSM33A
0.15 (3.8)
ABSM3B
0.20 (5.1)
ABSM32B
0.18 (4.5)
ABSM33B
0.15 (3.8)
ABSM3AG
0.20 (5.1)
ABSM32AG 0.18 (4.5)
A or B
Blank
or G
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 23


Similar Part No. - ABSM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSM32A-R40-B-1-G ABRACON-ABSM32A-R40-B-1-G Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
10.09.14
ABSM32A-R40-B-1-U ABRACON-ABSM32A-R40-B-1-U Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
10.09.14
ABSM32A-R40-B-1-W ABRACON-ABSM32A-R40-B-1-W Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
10.09.14
ABSM32A-R40-B-1-X ABRACON-ABSM32A-R40-B-1-X Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
10.09.14
ABSM32A-R40-B-2-G ABRACON-ABSM32A-R40-B-2-G Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
10.09.14
More results

Similar Description - ABSM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BA32C1 CALIBER-BA32C1 Datasheet
44Kb / 1P
   HC-49/US Microprocessor Crystals
CA32C1 CALIBER-CA32C1 Datasheet
41Kb / 1P
   HC-49/US SMD Microprocessor Crystals
logo
List of Unclassifed Man...
CA32C3 ETC2-CA32C3 Datasheet
36Kb / 1P
   HC-49/US SMD Microprocessor Crystals
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
   MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
ABMC2 ABRACON-ABMC2 Datasheet
485Kb / 1P
   MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
   LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
ABM4A ABRACON-ABM4A_07 Datasheet
259Kb / 3P
   LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
12.28.07
ABM3C ABRACON-ABM3C Datasheet
433Kb / 1P
   MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABM7 ABRACON-ABM7 Datasheet
80Kb / 1P
   MINI LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com