Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4861 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4861
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4861 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4861 Datasheet HTML 1Page - NXP Semiconductors TDA4861 Datasheet HTML 2Page - NXP Semiconductors TDA4861 Datasheet HTML 3Page - NXP Semiconductors TDA4861 Datasheet HTML 4Page - NXP Semiconductors TDA4861 Datasheet HTML 5Page - NXP Semiconductors TDA4861 Datasheet HTML 6Page - NXP Semiconductors TDA4861 Datasheet HTML 7Page - NXP Semiconductors TDA4861 Datasheet HTML 8Page - NXP Semiconductors TDA4861 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Jan 20
2
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4861
FEATURES
• Vertical pre-amplifier with differential inputs
• Powerless vertical shift
• Flyback voltage generation suitable for two operating
modes (doubling the supply voltage or external supply
for the short flyback time, this achieves a minimum of
power dissipation)
• Vertical output stage with thermal and SOAR protection
• High deflection frequency up to 140 Hz
• High linear sawtooth signal amplification
• Possibility of guarding the deflection
• Voltage stabilizer.
GENERAL DESCRIPTION
The TDA4861 is a vertical power amplifier for differential
input signals suitable for colour monitor/TV systems with
deflection frequencies up to 140 Hz.
QUICK REFERENCE DATA
Measurements referenced to substrate (pin 6).
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage (pin 1)
9
30
V
VP2
supply voltage (pin 4)
9
60
V
VP3
flyback supply voltage (pin 8)
9
60
V
IP1
supply current (pin 1)
−−
10
mA
IP2
supply quiescent current (pin 4)
9
mA
VI
input voltage (pins 2 and 3)
1.6
VP1 − 0.5 V
I5(p-p)
deflection output current (peak-to-peak value; pin 5)
−−
2.8
A
Tamb
operating ambient temperature
−20
+75
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4861
SIL9P
plastic single in-line power package; 9 leads
SOT131-2


Similar Part No. - TDA4861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Similar Description - TDA4861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
logo
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
NTE7136 NTE-NTE7136 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com