Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABV0238 Datasheet(PDF) 9 Page - Abracon Corporation

Part # ABV0238
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABV0238 Datasheet(HTML) 9 Page - Abracon Corporation

  ABV0238 Datasheet HTML 1Page - Abracon Corporation ABV0238 Datasheet HTML 2Page - Abracon Corporation ABV0238 Datasheet HTML 3Page - Abracon Corporation ABV0238 Datasheet HTML 4Page - Abracon Corporation ABV0238 Datasheet HTML 5Page - Abracon Corporation ABV0238 Datasheet HTML 6Page - Abracon Corporation ABV0238 Datasheet HTML 7Page - Abracon Corporation ABV0238 Datasheet HTML 8Page - Abracon Corporation ABV0238 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ABV0235/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 9
ORDERING INFORMATION
Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said infor-
mation and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Abracon’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Abracon Corporation.
For part ordering, please contact our Sales Department:
30332 Esperanza., Rancho Santa Margarita, Ca 92688
Ph: 949-546-8000 Fax: 949-546-8001
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type, Operating temperature range, shipping method
ABV023x X X X -T
Order Number
Marking
Package Option
ABV0235OC
ABV0235OC
16-Pin TSSOP (Tube)
ABV0235OC-T
ABV0235OC
16-Pin TSSOP (Tape and Reel)
ABV0235QC
ABV0235QC
16-Pin 3x3 QFN (Tube)
ABV0235QC-T
ABV0235QC
16-Pin 3x3 QFN (Tape and Reel)
ABV0235OCL
ABV0235OCL
16-Pin TSSOP (Tube)
ABV0235OCL-T
ABV0235OCL
16-Pin TSSOP (Tape and Reel)
ABV0235QCL
ABV0235QCL
16-Pin 3x3 QFN (Tube)
ABV0235QCL-T
ABV0235QCL
16-Pin 3x3 QFN (Tape and Reel)
ABV0237OC
ABV0237OC
16-Pin TSSOP (Tube)
ABV0237OC-T
ABV0237OC
16-Pin TSSOP (Tape and Reel)
ABV0237QC
ABV0237QC
16-Pin 3x3 QFN (Tube)
ABV0237QC-T
ABV0237QC
16-Pin 3x3 QFN (Tape and Reel)
ABV0237OCL
ABV0237OCL
16-Pin TSSOP (Tube)
ABV0237OCL-T
ABV0237OCL
16-Pin TSSOP (Tape and Reel)
ABV0237QCL
ABV0237QCL
16-Pin 3x3 QFN (Tube)
ABV0237QCL-T
ABV0237QCL
16-Pin 3x3 QFN (Tape and Reel)
ABV0238OC
ABV0238OC
16-Pin TSSOP (Tube)
ABV0238OC-T
ABV0238OC
16-Pin TSSOP (Tape and Reel)
ABV0238QC
ABV0238QC
16-Pin 3x3 QFN (Tube)
ABV0238QC-T
ABV0238QC
16-Pin 3x3 QFN (Tape and Reel)
ABV0238OCL
ABV0238OCL
16-Pin TSSOP (Tube)
ABV0238OCL-T
ABV0238OCL
16-Pin TSSOP (Tape and Reel)
ABV0238QCL
ABV0238QCL
16-Pin 3x3 QFN (Tube)
ABV0238QCL-T
ABV0238QCL
16-Pin 3x3 QFN (Tape and Reel)
ABV0239OC
ABV0239OC
16-Pin TSSOP (Tube)
ABV0239OC-T
ABV0239OC
16-Pin TSSOP (Tape and Reel)
ABV0239QC
ABV0239QC
16-Pin 3x3 QFN (Tube)
ABV0239QC-T
ABV0239QC
16-Pin 3x3 QFN (Tape and Reel)
ABV0239OCL
ABV0239OCL
16-Pin TSSOP (Tube)
ABV0239OCL-T
ABV0239OCL
16-Pin TSSOP (Tape and Reel)
ABV0239QCL
ABV0239QCL
16-Pin 3x3 QFN (Tube)
ABV0239QCL-T
ABV0239QCL
16-Pin 3x3 QFN (Tape and Reel)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP Q=QFN
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
-T=TAPE AND REEL


Similar Part No. - ABV0238

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
ABV0202HSC ABRACON-ABV0202HSC Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
ABV0202HSC-T ABRACON-ABV0202HSC-T Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
ABV0202SC ABRACON-ABV0202SC Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
ABV0202SC-T ABRACON-ABV0202SC-T Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
More results

Similar Description - ABV0238

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
   750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier XO
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com