Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX8038 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABX8038
Description  38-640MHz Low Phase Noise XO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX8038 Datasheet(HTML) 3 Page - Abracon Corporation

  ABX8038 Datasheet HTML 1Page - Abracon Corporation ABX8038 Datasheet HTML 2Page - Abracon Corporation ABX8038 Datasheet HTML 3Page - Abracon Corporation ABX8038 Datasheet HTML 4Page - Abracon Corporation ABX8038 Datasheet HTML 5Page - Abracon Corporation ABX8038 Datasheet HTML 6Page - Abracon Corporation ABX8038 Datasheet HTML 7Page - Abracon Corporation ABX8038 Datasheet HTML 8Page - Abracon Corporation ABX8038 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(Preliminary)
ABX8037/38/39
38-640MHz Low Phase Noise XO
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 9/1/05 Page 3
FREQUENCY SELECTION TABLE
SEL2
SEL1
SEL0
Selected Multiplier/Output Frequency
0
0
0
VCO Max*
0
0
1
VCO Min*
0
1
0
Reserved
0
1
1
Reserved
1
0
0
Fin x 2
1
0
1
Fin x 8
1
1
0
Fin x 16
1
1
1
Fin x 4
All SEL pads have internal pull-ups (default value is ‘1’). Bond to GND to set to 0.
* Special Test Modes to help selecting the inductor value for the target output frequency.
PERFORMANCE TUNING & INDUCTOR VALUE SELECTION
Please refer to Abracon’s “Tuning Assistant” software to automatically calculate the optimum inductor values. In
addition, the chart below could be used as a reference for quick inductor value selection.
Use the special test modes “VCO Max” and “VCO Min” to determine the optimum inductor value. “VCO Max”
represents the high end of the VCO range and “VCO Min” represents the low end of the VCO range. The output
frequency in the “VCO Max” and “VCO Min” test modes is VCO/16. This means that the output frequencies are
around the crystal frequency that will be used. The optimum inductor value is where the target crystal frequency
is closest to the middle between the “VCO Max” and “VCO Min” output frequencies. In this case the VCO will lock
in the middle of its tuning range with maximum margin on either side.


Similar Part No. - ABX8038

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX8X5 ABRACON-ABX8X5 Datasheet
1Mb / 27P
   Real Time Clock Family
ABX8XX-I2C-EVK ABRACON-ABX8XX-I2C-EVK Datasheet
1Mb / 27P
   Real Time Clock Family
ABX8XX-SPI-EVK ABRACON-ABX8XX-SPI-EVK Datasheet
1Mb / 27P
   Real Time Clock Family
More results

Similar Description - ABX8038

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com