Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4863AJ Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA4863AJ
Description  Vertical deflection booster
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4863AJ Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA4863AJ Datasheet HTML 11Page - NXP Semiconductors TDA4863AJ Datasheet HTML 12Page - NXP Semiconductors TDA4863AJ Datasheet HTML 13Page - NXP Semiconductors TDA4863AJ Datasheet HTML 14Page - NXP Semiconductors TDA4863AJ Datasheet HTML 15Page - NXP Semiconductors TDA4863AJ Datasheet HTML 16Page - NXP Semiconductors TDA4863AJ Datasheet HTML 17Page - NXP Semiconductors TDA4863AJ Datasheet HTML 18Page - NXP Semiconductors TDA4863AJ Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
2000 Aug 17
15
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
SOLDERING
Introduction to soldering through-hole mount
packages
This text gives a brief insight to wave, dip and manual
soldering. A more in-depth account of soldering ICs can be
found in our
“Data Handbook IC26; Integrated Circuit
Packages” (document order number 9398 652 90011).
Wave soldering is the preferred method for mounting of
through-hole mount IC packages on a printed-circuit
board.
Soldering by dipping or by solder wave
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joints for more than 5 seconds.
The total contact time of successive solder waves must not
exceed 5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg(max)). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
Manual soldering
Apply the soldering iron (24 V or less) to the lead(s) of the
package, either below the seating plane or not more than
2 mm above it. If the temperature of the soldering iron bit
is less than 300
°C it may remain in contact for up to
10 seconds. If the bit temperature is between
300 and 400
°C, contact may be up to 5 seconds.
Suitability of through-hole mount IC packages for dipping and wave soldering methods
Note
1. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
PACKAGE
SOLDERING METHOD
DIPPING
WAVE
DBS, DIP, HDIP, SDIP, SIL
suitable
suitable(1)


Similar Part No. - TDA4863AJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
TDA4863 INFINEON-TDA4863 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
TDA4863-2G INFINEON-TDA4863-2G Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
More results

Similar Description - TDA4863AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
logo
STMicroelectronics
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
   VERTICAL DEFLECTION BOOSTER
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
   VERTICAL DEFLECTION BOOSTER
STV9378F STMICROELECTRONICS-STV9378F Datasheet
57Kb / 5P
   VERTICAL DEFLECTION BOOSTER
STV9378 STMICROELECTRONICS-STV9378 Datasheet
51Kb / 5P
   VERTICAL DEFLECTION BOOSTER
TDA8177 STMICROELECTRONICS-TDA8177 Datasheet
77Kb / 5P
   VERTICAL DEFLECTION BOOSTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com