Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX8038QC-T Datasheet(PDF) 10 Page - Abracon Corporation

Part # ABX8038QC-T
Description  38-640MHz Low Phase Noise XO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX8038QC-T Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ABX8038QC-T Datasheet HTML 2Page - Abracon Corporation ABX8038QC-T Datasheet HTML 3Page - Abracon Corporation ABX8038QC-T Datasheet HTML 4Page - Abracon Corporation ABX8038QC-T Datasheet HTML 5Page - Abracon Corporation ABX8038QC-T Datasheet HTML 6Page - Abracon Corporation ABX8038QC-T Datasheet HTML 7Page - Abracon Corporation ABX8038QC-T Datasheet HTML 8Page - Abracon Corporation ABX8038QC-T Datasheet HTML 9Page - Abracon Corporation ABX8038QC-T Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(Preliminary)
ABX8037/38/39
38-640MHz Low Phase Noise XO
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 9/1/05 Page 10
ORDERING INFORMATION
Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Abracon ‘s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Abracon Corporation.
For part ordering, please contact our Sales Department:
30332 Esperanza., Rancho Santa Margarita, Ca 92688
Ph: 949-546-8000 Fax: 949-546-8001
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
ABX803X X C L T
Order Number
Marking
Marking
ABX8037OC
ABX8037OC
TSSOP - Tube
ABX8037OC-T
ABX8037OC
TSSOP - Tape & Reel
ABX8037OCL
ABX8037OCL
TSSOP - Tube (GREEN Package)
ABX8037OCL-T
ABX8037OCL
TSSOP - Tape & Reel (GREEN Package)
ABX8037QC
X8037QC
QFN - Tube
ABX8037QC-T
X8037QC
QFN - Tape & Reel
ABX8037QCL
X8037QCL
QFN - Tube (GREEN Package)
ABX8037QCL-T
X8037QCL
QFN - Tape & Reel (GREEN Package)
ABX8038OC
ABX8038OC
TSSOP - Tube
ABX8038OC-T
ABX8038OC
TSSOP - Tape & Reel
ABX8038OCL
ABX8038OCL
TSSOP - Tube (GREEN Package)
ABX8038OCL-T
ABX8038OCL
TSSOP - Tape & Reel (GREEN Package)
ABX8038QC
X8038QC
QFN - Tube
ABX8038QC-T
X8038QC
QFN - Tape & Reel
ABX8038QCL
X8038QCL
QFN - Tube (GREEN Package)
ABX8038QCL-T
X8038QCL
QFN - Tape & Reel (GREEN Package)
ABX8039OC
ABX8039OC
TSSOP - Tube
ABX8039OC-T
ABX8039OC
TSSOP - Tape & Reel
ABX8039OCL
ABX8039OCL
TSSOP - Tube (GREEN Package)
ABX8039OCL-T
ABX8039OCL
TSSOP - Tape & Reel (GREEN Package)
ABX8039QC
X8039QC
QFN - Tube
ABX8039QC-T
X8039QC
QFN - Tape & Reel
ABX8039QCL
X8039QCL
QFN - Tube (GREEN Package)
ABX8039QCL-T
X8039QCL
QFN - Tape & Reel (GREEN Package)
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP
Q= QFN 4x4
L= GREEN PACKAGE
NONE= REGULAR PACKAGE
T= TAPE & REEL
NONE= TUBE
PART NUMBER


Similar Part No. - ABX8038QC-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX8X5 ABRACON-ABX8X5 Datasheet
1Mb / 27P
   Real Time Clock Family
ABX8XX-I2C-EVK ABRACON-ABX8XX-I2C-EVK Datasheet
1Mb / 27P
   Real Time Clock Family
ABX8XX-SPI-EVK ABRACON-ABX8XX-SPI-EVK Datasheet
1Mb / 27P
   Real Time Clock Family
More results

Similar Description - ABX8038QC-T

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com