Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BHP20201J Datasheet(PDF) 2 Page - Bi technologies

Part # BHP20201J
Description  Noninductive Planar Low Cost, 20 Watt TO 220 Package Thick Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BHP20201J Datasheet(HTML) 2 Page - Bi technologies

  BHP20201J Datasheet HTML 1Page - Bi technologies BHP20201J Datasheet HTML 2Page - Bi technologies BHP20201J Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-4
Model BHP
MECHANICAL
Lead Material
Solder Tinned Copper Alloy
Substrate Material
96% Alumina
Resistor Material
Ruthenium Oxide
Thermal Shock
∆R 0.50%
Terminal Strength
∆R 0.25%
Short Time Overload
2 x rated power, 5 seconds,
∆R 0.50%
Moisture Resistance
∆R 0.50%
Mechanical Shock
30G's,
∆R 0.25%
Vibration
10G's, 10 to 500 Hz
∆R 0.25%
Low Temperature Storage
∆R 0.25%
High Temperature Exposure
∆R 0.25%
Load Life, 1,000 Hours
∆R 2.00%
Resistance to Solder Heat
∆R 0.25%
Dielectric Withstanding Voltage, Minimum
1,000 Vdc
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL 94V-0 Rated
Storage
-55°C to +155°C
ENVIRONMENTAL (PER MIL-R-83401)
POWER DERATING CURVE
Percent of
Rated Power
100
80
60
40
20
0
155
25
Degrees C
STANDARD RESISTANCE VALUES (OHMS)
Value
1
2
5
10
20
50
100
200
500
1K
2K
5K
10K
Code
1R0
2R0
5R0
100
200
500
101
201
501
102
202
502
103
Standard: 50 per tray
PACKAGING


Similar Part No. - BHP20201J

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BHP-100 MINI-BHP-100 Datasheet
129Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
BHP-100++ MINI-BHP-100+ Datasheet
129Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
BHP-1000 MINI-BHP-1000 Datasheet
71Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
BHP-1000++ MINI-BHP-1000+ Datasheet
71Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
BHP-150 MINI-BHP-150 Datasheet
70Kb / 1P
   High Pass Filter 50廓 133 to 1000 MHz
More results

Similar Description - BHP20201J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK20P1R00JE ETC2-TK20P1R00JE Datasheet
176Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
logo
Ohmite Mfg. Co.
TK20PR030JE OHMITE-TK20PR030JE Datasheet
492Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
TAH20P100RJE OHMITE-TAH20P100RJE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
logo
Vishay Siliconix
RTO50 VISHAY-RTO50_15 Datasheet
89Kb / 5P
   50 W Power Resistor, Thick Film Technology, TO-220
Revision: 18-Sep-15
LTO30 VISHAY-LTO30 Datasheet
78Kb / 4P
   30 Watt Power Resistor Thick Film Technology
Revision 30-May-06
logo
Ohmite Mfg. Co.
TFH85P2R00JE OHMITE-TFH85P2R00JE Datasheet
98Kb / 1P
   85 Watt TO264 Package Thick Film Power
TCH35P100RJE OHMITE-TCH35P100RJE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
TEH70P2R00JE OHMITE-TEH70P2R00JE Datasheet
98Kb / 1P
   70 Watt TO247 Package Thick Film Power
TBH25PR030JE OHMITE-TBH25PR030JE Datasheet
151Kb / 1P
   25 Watt TO220 Package Thick Film Power
logo
TAITRON Components Inco...
RL1206J TAITRON-RL1206J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com