Selected language     English  ▼


TDA4884 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. TDA4884
Description  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 8 page
background image
1997 Nov 26
8
Philips Semiconductors
Product specification
Three gain control video pre-amplifier for OSD
TDA4884
10 CHARACTERISTICS
VP = 8.0 V; Tamb =25 °C; all voltages measured with respect to GND (pin 4); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 7)
7.2
8.0
8.8
V
IP
supply current (pin 7)
36
48
60
mA
Video signal inputs (pins 2, 5 and 8)
Vi(b-w)
input voltage (black-to-white
value; pins 2, 5 and 8)
0.7
1.0
V
VI(clamp)
DC voltage during input clamping
(artificial black + VBE)
note 1
2.8
3.1
3.4
V
II
DC input current
no clamping; VI =VI(clamp);
Tamb = −20 to +70 °C
−0.05
+0.05
+0.250
µA
during clamping;
VI =VI(clamp) + 0.7 V
50
75
120
µA
during clamping;
VI =VI(clamp) − 0.7 V
−50
−75
−120
µA
Contrast control (pin 6); note 2
Vi(CC)
input voltage
1.0
6.0
V
Vi(CC)(max)
maximum input voltage
−−
VP − 1V
Vi(CC)(nom)
input voltage for nominal contrast
note 3
4.3
V
Ii(CC)
input current
Vi(CC) = 4.3 V
−5
−1
−0.1
µA
COSD(min)
minimum contrast for OSD
Vi(CC) = 0.7 V
−−40
dB
contrast relative to nominal
contrast
Vi(CC) = 6.0 V; pins 3, 1 and
11 open-circuit
2.4
3.4
dB
Vi(CC) = 1.0 V; pins 3, 1 and
11 open-circuit
−26
−22
−19
dB
Vi(CC)(min)
input voltage for minimum contrast
pins 3, 1 and 11 open-circuit
0.7
V
∆Gtrack
tracking of output signals of
channels 1, 2 and 3
1V<Vi(CC) < 6 V; note 4
0
0.5
dB
tdf(C)
delay between leading (falling)
edges of contrast voltage and
voltage output waveforms
Vi(CC) = 4.3 V to 0.7 V; input
fall time at pin 6:
tf(CC) = 2 ns; note 5; Fig.7
720
ns
tdr(C)
delay between trailing edges
(rising) of contrast voltage and
voltage output waveforms
Vi(CC) = 0.7 V to 4.3 V; input
rise time at pin 6:
tr(CC) = 2 ns; note 5; Fig.7
15
25
ns
tf(C)
fall time of voltage output
waveform
90% to 10% amplitude;
input fall time at pin 6:
tf(CC) = 2 ns; note 5; Fig.7
615
ns
tr(C)
rise time of voltage output
waveform
10% to 90% amplitude;
input rise time at pin 6:
tr(CC) = 2 ns; note 5; Fig.7
615
ns
C
C
nom
-------------




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4882Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4881Advanced monitor video controller 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
STV9432TA100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER 1 2 3 4 5 MoreSTMicroelectronics
STV9432TAP100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS VIDEO TIMING ANALYZER AND PWMs 1 2 3 4 5 MoreSTMicroelectronics
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
DBL2056R.G.B VIDEO PROCESSOR FOR MONITOR 1 2 3 4 5 Daewoo Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl