Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH71471F Datasheet(PDF) 3 Page - Bi technologies

Part # BH71471F
Description  High Profile SIP Thick Film Conformal Coated Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BH71471F Datasheet(HTML) 3 Page - Bi technologies

  BH71471F Datasheet HTML 1Page - Bi technologies BH71471F Datasheet HTML 2Page - Bi technologies BH71471F Datasheet HTML 3Page - Bi technologies BH71471F Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
4-19
Model BH Series
-3 Circuit (Isolated Resistors) & -1 Circuits (Bussed Resistors)
Ohms
Code
Ohms
Code
Ohms
Code
22
220
820
821
33K
333
27
270
1K
102
39K
393
33
330
1.2K
122
47K
473
39
390
1.5K
152
51K
513
47
470
1.8K
182
56K
563
51
510
2K
202
68K
683
56
560
2.2K
222
82K
823
68
680
2.7K
272
100K
104
82
820
3.3K
332
120K
124
100
101
3.9K
392
159K
154
120
121
4.7K
472
180K
184
150
151
5.1K
512
200K
204
180
181
5.6K
562
220K
224
200
201
6.8K
682
270K
274
220
221
8.2K
822
330K
334
270
271
10K
103
390K
394
330
331
12K
123
470K
474
390
391
15K
153
510K
514
470
471
18K
183
560K
564
510
511
20K
203
680K
684
560
561
22K
223
820K
824
680
681
27K
273
1Meg
105
Ohms
Code
Ohms
Code
Ohms
Code
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
180/390
181/391
330/390 331/391
3K/6.2K 302/622
220/270
221/271
330/470 331/471
220/330
221/331
330/680 331/681
STANDARD RESISTANCE VALUES, OHMS
POWER DISSIPATION, WATTS AT 70°C
Per Resistor
Model
Package
-1
-3
-5
BH6
1.25
.250
.400
.250
BH8
1.75
.250
.400
.250
BH10
2.25
.250
.400
.250
Percent of
Rated Power
100
80
60
40
20
0
155
150
70
-0
Degrees C
POWER DERATING CURVE
-5 Ciircuit (Dual Terminators)
BH8-1-102
Logo
Lead #1 Indicator
Model Series
Resistance Code
Date Code
Number Of Leads
Circuit Type
TYPICAL PART MARKING
Package Power is equal to (N-1) times 0.250
where N equals number of pins.


Similar Part No. - BH71471F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7236 ROHM-BH7236 Datasheet
71Kb / 6P
   Color TV Signal Encoder
BH7236AF ROHM-BH7236AF Datasheet
71Kb / 6P
   Color TV Signal Encoder
BH7236AF ROHM-BH7236AF Datasheet
269Kb / 6P
   Color TV signal encoder
BH7236AF ROHM-BH7236AF Datasheet
269Kb / 6P
   silicon monolithic integrated circuit
BH7236AF-E2 ROHM-BH7236AF-E2 Datasheet
269Kb / 6P
   silicon monolithic integrated circuit
More results

Similar Description - BH71471F

ManufacturerPart #DatasheetDescription
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com