Selected language     English  ā–¼


TDA4885 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4885
Description  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
1997 Nov 25
6
Philips Semiconductors
Product speciļ¬cation
150 MHz video controller with I2C-bus
TDA4885
6
PINNING
SYMBOL
PIN
DESCRIPTION
FBL
1
fast blanking input for OSD insertion
OSD1
2
OSD input channel 1
OSD2
3
OSD input channel 2
OSD3
4
OSD input channel 3
CLI
5
vertical blanking input
(input clamping)
VI1
6
signal input channel 1
VP
7
supply voltage
VI2
8
signal input channel 2
GND
9
ground
VI3
10
signal input channel 3
HFB
11
horizontal ļ¬‚yback input
(output clamping, blanking)
GM1
12
gain modulation input channel 1
GM2
13
gain modulation input channel 2
GM3
14
gain modulation input channel 3
SDA
15
I2C-bus serial data input/output
SCL
16
I2C-bus clock input
LIM
17
beam current limiting input,
subcontrast setting
GND3
18
ground channel 3
VP3
19
supply voltage channel 3
VO3
20
signal output channel 3
FB3
21
feedback input channel 3
REF3
22
reference voltage channel 3
GND2
23
ground channel 2
VP2
24
supply voltage channel 2
VO2
25
signal output channel 2
FB2
26
feedback input channel 2
REF2
27
reference voltage channel 2
GND1
28
ground channel 1
VP1
29
supply voltage channel 1
VO1
30
signal output channel 1
FB1
31
feedback input channel 1
REF1
32
reference voltage channel 1
Fig.2 Pin configuration.
handbook, halfpage
TDA4885
MHA342
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
FBL
OSD1
OSD2
OSD3
CLI
VI1
VP
VI2
GND
VI3
HFB
GM1
GM2
GM3
REF1
FB1
VO1
VP1
REF2
FB2
GND1
VO2
VP2
GND2
REF3
FB3
VO3
VP3
SDA
SCL
GND3
LIM




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4886A140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA9207150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS 1 2 3 4 5 MoreSTMicroelectronics
TDA9209150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION 1 2 3 4 5 MoreSTMicroelectronics
TDA9210150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS 1 2 3 4 5 MoreSTMicroelectronics
LM1267150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
STV9211150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE 1 2 3 4 5 MoreSTMicroelectronics
AD8074500 MHz G = +-1 and +2 Triple Video Buffers with Disable 1 2 3 4 5 MoreAnalog Devices
ADV7129192-Bit 360 MHz True-Color Video DAC with Onboard PLL 1 2 3 4 5 MoreAnalog Devices
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl