Selected language     English  â–¼


TDA4885 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA4885
Description  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
1997 Nov 25
4
Philips Semiconductors
Product specification
150 MHz video controller with I2C-bus
TDA4885
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
VP
supply voltage (pin 7)
7.6
8.0
8.8
V
IP
supply current (pin 7)
−
20
25
mA
VP1, 2, 3
channel supply voltage
(pins 29, 24 and 19)
7.6
8.0
8.8
V
IP1, 2, 3
channel supply current
(pins 29, 24 and 19)
−
40
−
mA
Vi(b-w)
input voltage
(black-to-white value; pins 6, 8 and 10)
−
0.7
1.0
V
Vo(b-w)
nominal output voltage swing
(black-to-white value; pins 30, 25 and 20)
nominal contrast;
maximum gain; pins 12,
13 and 14 grounded
2.5
2.8
−
V
Vo(b-w)(max)
maximum output voltage swing
(black-to-white value; pins 30, 25 and 20)
maximum contrast;
maximum gain; pins 12,
13 and 14 grounded
−
4.5
−
V
Vo
output voltage level (pins 30, 25 and 20)
0.1
−
6.0
V
Vbl
typical reference black level
(pins 30, 25 and 20)
0.5
−
2.5
V
Io(sink)
peak output sink current
during fast signal transients
−−
20
mA
Io(source)
peak output source current
during fast signal transients
−40
−−
mA
B
bandwidth
−3 dB (small signal)
−
150
−
MHz
tr(O)
video rise time at signal outputs
(pins 30, 25 and 20)
−
2.7
−
ns
dVO
over/undershoot at signal outputs
(pins 30, 25 and 20)
minimum rise/fall time
−
5
−
%
α
ct
crosstalk at signal outputs
(pins 30, 25 and 20)
f = 80 MHz
−−30
−
dB
CC
contrast control related to nominal contrast
−28
−
+4
dB
GC
gain control related to maximum gain
−7
−
0dB
BC
brightness control (typical black level voltage
change related to output signal amplitude)
−10
−
+30
%
Vo(OSD)(max) maximum OSD output voltage swing related
to nominal output voltage swing
(pins 30, 25 and 20)
maximum OSD contrast;
maximum gain; pins 12,
13 and 14 grounded
−
125
−
%
COSD
OSD contrast control related to maximum
OSD contrast
−12
−
0dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4886A140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA9207150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS 1 2 3 4 5 MoreSTMicroelectronics
TDA9209150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION 1 2 3 4 5 MoreSTMicroelectronics
TDA9210150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS 1 2 3 4 5 MoreSTMicroelectronics
LM1267150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
STV9211150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE 1 2 3 4 5 MoreSTMicroelectronics
AD8074500 MHz G = +-1 and +2 Triple Video Buffers with Disable 1 2 3 4 5 MoreAnalog Devices
ADV7129192-Bit 360 MHz True-Color Video DAC with Onboard PLL 1 2 3 4 5 MoreAnalog Devices
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl