Selected language     English  ▼


TDA4887 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
2001 Oct 19
11
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
7.9
I2C-bus control
The TDA4887PS contains an I2C-bus receiver for several
control functions:
• Contrast register with control bits BRI, FPOL, DISV and
DISO
• Brightness control with 8-bit DAC
• Contrast control with 8-bit DAC
• OSD contrast control with 4-bit DAC
• Gain control for each channel with 8-bit DAC
• Internal feedback reference and external reference
voltage control for each channel with 8-bit DAC
• Black level for AC coupling with 3-bit DAC
• Depth of pedestal blanking with 2-bit DAC.
After power-up and after internal power-on reset of the
I2C-bus, the registers are set to the following values (for
most applications these settings guarantee a black screen
after power-up):
• Control bit FPOL set to logic 1
• Control bits BRI, DISV and DISO set to logic 0
• All other alignment registers set to logic 0 (minimum
value for control registers).
After an intermediate power dip, all registers are set to
their initial values and an internal Power-on reset bit will be
set with the consequence that the device will give no
acknowledge on the data byte after being first addressed.
The Power-on reset bit will be reset if the control register
is addressed. It is recommended to then refresh all
registers by using the auto-increment function.
7.10
I2C-bus data buffer
7.10.1
BUFFERED MODE
Adjustments via the I2C-bus are synchronized with vertical
blanking pulse at CLI:
• Most significant bit (MSB) of subaddress is set to logic 1
• Only one I2C-bus transmission in buffered mode is
accepted before the start of the vertical blanking pulse;
following transmissions receive no acknowledge
• Received data is stored in one internal 8-bit buffer
• Adjustments will take effect with detection of the first
vertical blanking pulse after the end of the
acknowledged I2C-bus transmission
• Waiting for vertical blanking pulse in buffered mode can
be interrupted by Power-on reset
• Auto-increment is not possible
• Buffered mode should be used for user adjustments
such as contrast, OSD contrast and brightness when a
picture is visible on the monitor.
7.10.2
DIRECT MODE
Adjustments via the I2C-bus take effect immediately:
• Most significant bit (MSB) of subaddress is set to logic 0
• Number of I2C-bus transmissions in direct mode is
unlimited
• Adjustments take effect directly at the end of each
I2C-bus transmission
• Direct mode can be used for all adjustments but large
changes of control values may appear as visual
disturbances in the picture on the monitor
• Auto-increment is possible
• Vertical blanking pulse is not necessary.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM1208130 MHz/85 MHz RGB Video Amplifier System with Blanking 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA9209150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION 1 2 3 4 5 MoreSTMicroelectronics
ADV7150CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC 1 2 3 4 5 MoreAnalog Devices
M52742SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
M52337SP3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LM1237150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA9210150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS 1 2 3 4 5 MoreSTMicroelectronics
ADV7151CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC 1 2 3 4 5 MoreAnalog Devices
DAC-34110-BIT 80 MHZ VIDEO SPEED D/A CONVERTER 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl