Selected language     English  ▼


TDA5051 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA5051
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1997 Sep 19
5
Philips Semiconductors
Product specification
Home automation modem
TDA5051
FUNCTIONAL DESCRIPTION
Both transmission and reception stages are controlled
either by the master clock of the microcontroller, or by the
on-chip reference oscillator connected to a crystal.
This holds for the accuracy of the transmission carrier and
the exact trimming of the digital filter, thus making the
performance totally independent of application
disturbances such as component spread, temperature,
supply drift and so on.
The interface with the power network is made by means of
a LC network (see Fig.18). The device includes a power
output stage able to feed a 120 dB
µV (RMS) signal on a
typical 30
Ω load.
To reduce power consumption, the IC is disabled by a
power-down input (pin PD): in this mode, the on-chip
oscillator remains active and the clock continues to be
supplied at pin CLKOUT. For low-power operation in
reception mode, this pin can be dynamically controlled by
the microcontroller (see Section “Power-down mode”).
When the circuit is connected to an external clock
generator (see Fig.6), the clock signal must be applied at
pin OSC1 (pin 7); OSC2 (pin 8) must be left open. Use of
the on-chip clock circuitry is shown in Fig.7.
All logic inputs and outputs are compatible with
TTL/CMOS levels, providing an easy connection to a
standard microcontroller I/O port.
The digital part of the IC is fully scan-testable. Two digital
inputs, SCANTEST and TEST1, are used for production
test: these pins must be left open in functional mode
(correct levels are internally defined by pull-up/down
resistors).
Transmission mode
The carrier frequency is generated by the scanning of a
ROM memory under the control of the microcontroller
clock or the reference frequency provided by the on-chip
oscillator, thus providing strict stability with respect to
environmental conditions. High frequency clocking rejects
the aliasing components to such an extent that they are
filtered by the coupling LC network and do not cause any
significant disturbance. The data modulation is applied
through pin DATAIN and smoothly applied by specific
digital circuitry to the carrier (shaping). Harmonic
components are limited in this process, thus avoiding
unacceptable disturbance of the transmission channel
(according to CISPR16 and EN50065-1
recommendations). A
−55 dB total harmonic distortion is
reached when using the typical LC coupling network (or an
equivalent filter).
The D/A converter and the power stage are set in order to
provide a maximum signal level of 122 dB
µV (RMS) at the
output.
The output of the power stage (TXOUT) always has to be
connected to a decoupling capacitor, because of a DC
level of 0.5VDD at this pin, present even when the device is
not transmitting. This pin also has to be protected against
overvoltage and negative transient signals. The DC
level of TXOUT can be used to bias an unipolar transient
suppressor, as shown in the application diagram (see
Fig.18).
Direct connection to the mains is done through a LC
network for low-cost applications. However, a HF signal
transformer could be used when power-line insulation has
to be performed.
Receiving mode
The input signal received by the modem is applied to a
wide range input amplifier with Automatic Gain Control
(AGC) (
−6 to +30 dB). This is basically for noise
performance improvement and signal level adjustment
that ensures a maximum sensitivity of the A/D converter.
Then an 8 bit A/D conversion is performed, followed by
digital bandpass filtering, in order to meet the CISPR
normalization and to comply with some additional
limitations encountered in current applications. After digital
demodulation, the baseband data signal is made available
after pulse shaping.
The signal pin (RXIN) is a high-impedance input, which has
to be protected and DC decoupled for the same reasons
as with pin TXOUT. The high sensitivity (66 dBµV) of this
input requires an efficient 50 Hz rejection filter (realized by
the LC coupling network) also used as an anti-aliasing filter
for the internal digital processing (see Fig.18).
CAUTION
In transmission mode, the receiving part of the circuit is
not disabled and the detection of the transmitted signal
is normally performed. In this mode, the gain chosen
before the beginning of the transmission is stored, and
the AGC is internally set to
−6dB as long as DATAIN
is LOW. Then, the old gain setting is automatically
restored.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051AHome automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl