Selected language     English  â–¼


TDA5146T Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5146T
Description  Brushless DC motor drive circuit
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
Philips Semiconductors
Product specification
TDA5146T
Brushless DC motor drive circuit
1994 May 18
11
SL01521
COMMUTATION
LOGIC
START-UP
OSCILLATOR
TIMING
THERMAL
PROTECTION
DIVIDE
BY 2
ADAPTIVE
COMMUTATION
DELAY
DIRECTION
CONTROL
BRAKE
RESET
BRAKE
RESET
EMF COMPARATORS
MOTOR
ROTATION
SPEED/
DETECTOR
OUTPUT
STAGE
4.7
k
W
+5 V
TEST
10 nF
18 nF
18 nF
220 nF
FG to
micro–
processor
DIR
FET DRIVER
STAGE
PWM_IN
PWMOUT
MOSFET P
128
mH
8.1
mF 100 mF
100
mF
+
++
SCHOTTKY
TDA5146T
VSUP
Figure 7. Typical Application diagram of the TDA5146T with use of the FET driver stage




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl