Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALAN-117 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ALAN-117
Description  LAN COUPLING TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALAN-117 Datasheet(HTML) 2 Page - Abracon Corporation

  ALAN-117 Datasheet HTML 1Page - Abracon Corporation ALAN-117 Datasheet HTML 2Page - Abracon Corporation ALAN-117 Datasheet HTML 3Page - Abracon Corporation ALAN-117 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7
5
10
12
11
3
16
2
14
1
15
6
24
23
22
21
20
19
18
17
16
15
14
13
2
11
12
10
9
8
7
6
5
4
3
1
5.
Receive
Transmit
Receive
Transmit
12
10
11
8
9
7
1
3
2
5
4
6
6.
12
11
8
9
7
4
10
1
3
2
5
6
7.
14
13
12
10
9
8
7
6
5
3
2
1
8.
9
10
11
14
15
16
8
7
6
3
2
1
16
15
14
11
10
9
1
3
6
8
2
7
2.
1
2
15
10
3
6
7
8
14
16
11
9
1.
7
8
9
10
15
11
3
12
1
2
16
14
Receive
Transmit
3.
CHIP
MEDIA
CHIP
MEDIA
XMIT
RCV
CHIP
MEDIA
CHIP
MEDIA
C
H
I
P
M
E
D
I
A
CHIP
MEDIA
XMIT
RCV
CHIP
MEDIA
XMIT
RCV
CHIP
MEDIA
CHIP
MEDIA
XMIT
RCV
9.
16
14
15
10
9
11
1
2
3
7
6
8
CHIP
MEDIA
10.
1, 4, 7, 10
2, 5, 8, 11
24, 21, 18, 15
23, 20, 17, 14
22, 19, 16, 13
3, 6, 9, 12
11.
CHIP
MEDIA
4.
XMIT
RCV
XMIT
RCV
XMIT
RCV
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
LAN COUPLING TRANSFORMERS
LAN COUPLING TRANSFORMERS
LAN COUPLING TRANSFORMERS
FAST ETHERNET & GIGABIT SERIES
|||||||||||||||
TEST CONDITIONS:
A. OCL: 100 mVRMS @ 100 KHz with 8 mA DC
C. Bias: 8 mA (minimum) steady state DC
B. RL/IL measurements assume 100
Ω media interface
D. DWV: 1,500 VRMS for 1 minute min; greater isolation
voltage available
NOTES:
1. P/Ns with "T" as suffix are configured for through-hole applications
2. Dual port design configuration
3. Turns ratios are specified: "transceiver : media" with ±2% tolerance
4. "CT" indicates a center-tapped winding, otherwise readings are intended to be across entire winding segment
5. OCL for 10/100Base-T and Gigabit applications is specified at: 350
µH min with 8mA bias measured from the media
interface and -40
oC to 85oC
CIRCUITS:


Similar Part No. - ALAN-117

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALAN-2201 ABRACON-ALAN-2201 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature 3 Cores Solution
03.13.15
ALAN-2202 ABRACON-ALAN-2202 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature 3 Cores Solution
03.13.15
ALAN-2204 ABRACON-ALAN-2204 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.13.15
ALAN-2301 ABRACON-ALAN-2301 Datasheet
4Mb / 3P
   100/1000 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.19.15
ALAN-2302 ABRACON-ALAN-2302 Datasheet
5Mb / 3P
   100/1000 Base-T Single Port LAN Transformer w/ PoE, 3 Wires Extended Temperature
03.24.15
More results

Similar Description - ALAN-117

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
A8DB101150 PMI-A8DB101150 Datasheet
64Kb / 2P
   ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
   General Purpose Coupling Transformers
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
logo
Premier Magnetics, Inc.
PM-NW01 PMI-PM-NW01 Datasheet
33Kb / 2P
   GENERAL PURPOSE COUPLING TRANSFORMERS
logo
Nuvotem Talema
TGJ-50-6C TALEMA-TGJ-50-6C Datasheet
45Kb / 1P
   General Purpose Coupling Transformers
logo
Rhombus Industries Inc.
T-33000 RHOMBUS-IND-T-33000 Datasheet
55Kb / 2P
   Modem Coupling & Voiceband Transformers
logo
Vishay Siliconix
TA-10-08 VISHAY-TA-10-08 Datasheet
163Kb / 5P
   Transformers Audio, elephone Coupling
Revision: 06-Dec-11
logo
Rhombus Industries Inc.
T-31000 RHOMBUS-IND-T-31000 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com