Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5149G Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA5149G
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149G Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA5149G Datasheet HTML 11Page - NXP Semiconductors TDA5149G Datasheet HTML 12Page - NXP Semiconductors TDA5149G Datasheet HTML 13Page - NXP Semiconductors TDA5149G Datasheet HTML 14Page - NXP Semiconductors TDA5149G Datasheet HTML 15Page - NXP Semiconductors TDA5149G Datasheet HTML 16Page - NXP Semiconductors TDA5149G Datasheet HTML 17Page - NXP Semiconductors TDA5149G Datasheet HTML 18Page - NXP Semiconductors TDA5149G Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1996 May 06
15
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
ESD according to MIL STD 883C - method 3015 (HBM 1500
Ω, 100 pF) 3 pulses positive and 3 pulses negative on each
pin versus ground - Class 1: 0 to 1999 V.
THERMAL CHARACTERISTICS
Note
1. This is obtained in a standard PCB: standard PCB size: 100 mm
× 75 mm × 1.6 mm; material = glass epoxy FR4,
single copper layer. With dedicated PCB tailored to heat dissipation, the thermal resistance could be as low as
40 K/W.
OPERATING CHARACTERISTICS
SYMBOL
PARAMETER(1)
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
54
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Temperature
Tamb
operating ambient temperature
−5
+70
°C
Supplies: pins 27, 55, 54 and 39
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDD
general supply voltage
10.8
12.0
13.2
V
IDDA
analog supply current
normal mode
5.5
7.5
mA
VDDV
supply voltage for VCM DMOS
driver
10.8
12.0
13.2
V
VCM reference voltage: pin 46 (VCMref)
VCMref
reference voltage input level
1.9
4.0
V
Charge pump: pin 1 (CAPY)
CCAPX
charge pump capacitor
between CAPX1 and CAPX2
6.8
10
13
nF
CCAPY
charge pump capacitor
between CAPY and ground
16
22
30
nF
CLAMP: pin 38
CCLAMP
clamp capacitance
between CLAMP and ground
47
µF
BRAKEPOWER: pin 47
CBP
brakepower capacitance
note 1
47
µF
Sense resistors
RSSENS
spindle sense resistor
0.15
RVSENS
VCM sense resistor
0.15


Similar Part No. - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com