Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5149G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5149G
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149G Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5149G Datasheet HTML 1Page - NXP Semiconductors TDA5149G Datasheet HTML 2Page - NXP Semiconductors TDA5149G Datasheet HTML 3Page - NXP Semiconductors TDA5149G Datasheet HTML 4Page - NXP Semiconductors TDA5149G Datasheet HTML 5Page - NXP Semiconductors TDA5149G Datasheet HTML 6Page - NXP Semiconductors TDA5149G Datasheet HTML 7Page - NXP Semiconductors TDA5149G Datasheet HTML 8Page - NXP Semiconductors TDA5149G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1996 May 06
2
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
FEATURES
General features
• Single-chip voice coil motor driver and spindle motor
pre-driver
• Internal voltage reference generator
• Programming of timing parameters via the serial bus
• Control of sleep, brake and disable modes for both the
VCM and spindle via the serial bus
• Temperature monitor circuit
• General purpose uncommitted operational amplifier.
Voice coil motor driver
• On-board full-bridge power DMOS driver with low R
DSon
• Class AB linear amplifier with no dead zone
• Adjustable gain and bandwidth
• Retract circuit operating at power-down.
Spindle motor pre-driver
• Designed to drive external N-channel power MOSFETs
for brushless, sensorless DC motors
• Internal or external commutation control
• Digital commutation timing
• Average motor supply current control with Pulse Width
Modulation (PWM)
• Soft switching under PWM control
• Spindle brake after park at power-down.
APPLICATIONS
• 12 V high-performance hard disk drives.
GENERAL DESCRIPTION
The TDA5149G is a combination of a voice coil motor
driver and a spindle motor pre-driver, capable of operating
12 V high-performance hard disk drives.
The device integrates a spindle pre-driver that drives three
external N-channel power MOSFETs in order to drive a
three-phase brushless, sensorless DC motor in full wave
mode. In the normal mode, commutations are generated
from the internal Back EMF (BEMF) sensing circuitry.
Commutations, however, can also be generated from an
external source, thereby providing the possibility of driving
the motor in the stepper-motor mode.
The VCM driver is a linear transconductance amplifier
capable of handling currents up to 1.65 A. It allows
external adjustment of the gain and compensation.
The TDA5149G also contains two drivers for a latch that
secures the heads in the event of power-down.
To control functions such as park, brake, sleep or disable
and to program the different timing parameters, the
TDA5149G is provided with a three-wire serial port. A high
precision voltage monitor is also included, for both
5 and 12 V power supplies. Finally, the IC contains a
temperature monitor circuit and an uncommitted
operational amplifier connected to VDD, which can be used
freely within the application. The device is contained in a
LQFP64 package with 4 pins connected to the lead frame
for improved heat dissipation.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
general supply voltage (pin 54)
10.8
12.0
13.2
V
VDDD
digital supply voltage (pin 55)
4.5
5.0
5.5
V
VDDA1
analog supply voltage (pin 27)
4.5
5.0
5.5
V
IoVCM
voice coil motor output current
1.65
A
RDSon
VCM power DMOS total on-resistance
(including leads and bond wires)
Tj = 25 °C
0.65
Tj = 125 °C
1.1
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5149G
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2


Similar Part No. - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com