Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5149 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA5149
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA5149 Datasheet HTML 18Page - NXP Semiconductors TDA5149 Datasheet HTML 19Page - NXP Semiconductors TDA5149 Datasheet HTML 20Page - NXP Semiconductors TDA5149 Datasheet HTML 21Page - NXP Semiconductors TDA5149 Datasheet HTML 22Page - NXP Semiconductors TDA5149 Datasheet HTML 23Page - NXP Semiconductors TDA5149 Datasheet HTML 24Page - NXP Semiconductors TDA5149 Datasheet HTML 25Page - NXP Semiconductors TDA5149 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
1996 May 06
22
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
Notes
1.
2. Corresponds to an averaged variation of 7 mV/
°C.
3. Including the VCMSENSE amplifier input current.
4. Extended voltages are allowed if series resistors are used (see Fig.1).
5. The gain between the pre-driver output current and the IDRIVE current is typically; lower source = 35,
upper source = 50, lower sink = 75 and upper sink = 80.
6. Typical value for external FET such as PHN210.
7. I
8. I
9. Valid if the STOSC capacitance is in the nominal range of 150 to 700 pF.
10. tBRAKEDELAY ≈ 2RC.
11. tPORDELAY ≈ CPORDELAY, with CPORDELAY in µF.
12. Master clock (pin 58) must be running (1 cycle = Tec) − tIC = Tecx (prescaler ratio).
Serial port
SENABLE: PIN 61
tsu
set-up time
with respect to the rising
edge
46
ns
th
hold time
19
ns
tpm
time between 2 serial port
commands
tIC = internal clock
cycle; note 12
2tIC
µs
SDATA: PIN 59
tsu
set-up time
with respect to the rising
edge
22
ns
th
hold time
20
ns
SCLOCK: PIN 60
fSCL
clock frequency
10
MHz
δ
duty factor
30
50
70
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
ref
V
ref o
( )
R
Iref
------------------
=
I
SPREF
V
ref o
( )
R
IDRIVE
---------------------
=
I
source
2
V
ref o
( )
R
Iref
------------------
×
=


Similar Part No. - TDA5149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com