Selected language     English  ▼


TDA5155 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA5155
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1997 Apr 08
5
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
6
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGG982
SERIAL
INTERFACE
WRITE DRIVER
INPUT
HEAD UNSAFE
INDICATOR
FF
VOLTAGE
REFERENCE
10
3
5
4
5
6
11
20 k
8
9
10
17
13
14
3
7
4
4
WRITE DRIVER
AND
READ PREAMP
(10
×)
TDA5155
head select
WRITE
CURRENT
SOURCE
LOW SUPPLY
VOLTAGE
INDICATOR
VCC(WD)
(5 to 8 V)
nWy
nWx
nRy
nGND
nRx
GNDn
2, 12, 15, 18
23, 28, 33, 38,
43, 48, 53, 58,
63, 68
22, 27, 32, 37,
42, 47, 52, 57,
62, 67
21, 26, 31, 36,
41, 46, 51, 56,
61, 66
19, 24,
29, 34, 39, 44,
49, 54, 59, 64
20, 25, 30, 35,
40, 45, 50, 55,
60, 65
10
1
VCC
16
10
10
10
10
10
RDy
RDx
Rext
SDATA
SEN
SCLK
WDly(i)
WDlx(i)
4
TAS
DETECTOR
5
WDly(v)
WDlx(v)
HUS
R/W
+VCC
RMR
CURRENT
SOURCE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5153Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads 1 2 3 4 5 MoreNXP Semiconductors
TDA5360Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads 1 2 3 4 5 MoreNXP Semiconductors
CXA1829N8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3510N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3541N2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
STI5514Set-top box decoder with hard disk drive capability
for digital TV digital set-top box or cable box
1 2 STMicroelectronics
CXA1940N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl