Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5332T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA5332T
Description  Double mixer/oscillator for TV and VCR tuners
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5332T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA5332T Datasheet HTML 3Page - NXP Semiconductors TDA5332T Datasheet HTML 4Page - NXP Semiconductors TDA5332T Datasheet HTML 5Page - NXP Semiconductors TDA5332T Datasheet HTML 6Page - NXP Semiconductors TDA5332T Datasheet HTML 7Page - NXP Semiconductors TDA5332T Datasheet HTML 8Page - NXP Semiconductors TDA5332T Datasheet HTML 9Page - NXP Semiconductors TDA5332T Datasheet HTML 10Page - NXP Semiconductors TDA5332T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
March 1989
7
Philips Semiconductors
Preliminary specification
Double mixer/oscillator for TV and VCR
tuners
TDA5332T
Notes to the characteristics
1. The values have been corrected for hybrid and cable losses. The symmetrical output impedance of
the circuit is 100
Ω.
2. The input level of a N
+ 5 − 1 MHz signal (just visible).
3. The gain is defined as the transducer gain (measured in Fig.3) plus the voltage transformation ratio
of L6 to L7 (6:1, 16 dB).
4. All S parameters are referred to a 50
Ω system.
5. The input power is defined as the power delivered by the generator on a 50
Ω load.
6. The frequency shift is defined for a variation of power supply from;
a) VP = 12 V to VP = 10.8 V
b) VP = 12 V to VP = 13.2 V.
In both cases the frequency shift is below the specified value.
7. The frequency drift is defined for a variation of ambient temperature from;
a) Tamb =25 °C to Tamb =0 °C
b) Tamb =25 °C to Tamb =50 °C
In both cases the frequency shift is below the specified value.
N
+ 5 − 1 MHz
pulling
notes 2 and 5;
820 MHz
−42
−35
dBm
Voltage gain
note 3;
160 MHz
GVB
33
36
39
dB
860 MHz
GVB
33
36
39
dB
Band B oscillator
Frequency range
fB
200
900
MHz
Frequency shift
note 6
;
∆V
P = 10%
∆f
−−
400
kHz
Frequency drift
note 7;
∆T=25 °C
∆f
−−
800
kHz
Frequency drift
5 s to 15 min
after switching on
∆f
−−
400
kHz
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA5332T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
More results

Similar Description - TDA5332T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com